Electronic Components Datasheet Search
  English  ▼

X  

BUP56 Datasheet(PDF) 1 Page - Seme LAB

Part # BUP56
Description  NPN MULTI-EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUP56 Datasheet(HTML) 1 Page - Seme LAB

  BUP56 Datasheet HTML 1Page - Seme LAB BUP56 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Prelim. 4/99
BUP56
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCEX
Collector – Emitter Voltage (VBE = –1.5V)
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage
IC
Collector Current
IC(PK)
Peak Collector Current
Ptot
Total Dissipation at Tcase = 25°C
Tstg
Storage Temperature
TJ
Maximum Operating Junction Temperature
Rth
Thermal Resistance (junction-case)
150V
60V
10V
30A
40A
150W
–55 to 175°C
175°C
1.0°C/W
MECHANICAL DATA
Dimensions in mm
1
3
2
3.55 (0.140)
3.81 (0.150)
0.40 (0.016)
0.79 (0.031)
2.21 (0.087)
2.59 (0.102)
1.01 (0.040)
1.40 (0.055)
15.49 (0.610)
16.26 (0.640)
4.69 (0.185)
5.31 (0.209)
1.49 (0.059)
2.49 (0.098)
1.65 (0.065)
2.13 (0.084)
5.25 (0.215)
BSC
2.87 (0.113)
3.12 (0.123)
NPN MULTI-EPITAXIAL
TRANSISTOR
TO247
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Pin 1 – Base
Pad 2 – Collector
Pad 3 – Emitter
FEATURES
• DIFFUSED BY SEMEFAB
• VERY LOW SATURATION VOLTAGES
• VERY FAST SWITCHING (t = 60ns)
• HIGH RELIABILITY
APPLICATIONS
• HIGH FREQUENCY AND HIGH
EFFECIENCY CONVERTERS
• SWITCHING REGULATORS
• MOTOR CONTROLS
The BUP56 is a very fast switching, very low
saturation, high power tranistor using wafer
diffused by Semefab. It is particularly suited
to applications requiring efficient, fast
switching devices.


Similar Part No. - BUP56

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUP50A SEME-LAB-BUP50A Datasheet
15Kb / 2P
NPN MULTI-EPITAXIAL VERY FAST SWITCHING HIGH POWER TRANSISTOR
BUP51 SEME-LAB-BUP51 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
BUP51 SEME-LAB-BUP51 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
logo
Inchange Semiconductor ...
BUP51 ISC-BUP51 Datasheet
201Kb / 2P
isc Silicon NPN Power Transistor
logo
TT Electronics.
BUP51 TTELEC-BUP51 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
More results

Similar Description - BUP56

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUV20 SEME-LAB-BUV20 Datasheet
18Kb / 2P
NPN MULTI - EPITAXIAL POWER TRANSISTOR
BUP54 SEME-LAB-BUP54 Datasheet
20Kb / 2P
NPN MULTI-EPITAXIAL TRANSISTOR
2N6078 SEME-LAB-2N6078 Datasheet
17Kb / 2P
NPN MULTI-EPITAXIAL POWER TRANSISTOR
BUX23 SEME-LAB-BUX23 Datasheet
35Kb / 2P
NPN MULTI - EPITAXIAL POWER TRANSISTOR
BUP53R SEME-LAB-BUP53R Datasheet
19Kb / 2P
NPN MULTI-EPITAXIAL TRANSISTOR
BUP54 SEME-LAB-BUP54_09 Datasheet
195Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
logo
TT Electronics.
BUP51 TTELEC-BUP51 Datasheet
196Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUV20 TTELEC-BUV20 Datasheet
479Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUX11 TTELEC-BUX11 Datasheet
200Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
BUX12 TTELEC-BUX12 Datasheet
193Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com