Electronic Components Datasheet Search
  English  ▼

X  

65R080CFD Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # 65R080CFD
Description  650V CoolMOS CFD Power Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

65R080CFD Datasheet(HTML) 5 Page - Infineon Technologies AG

  65R080CFD Datasheet HTML 1Page - Infineon Technologies AG 65R080CFD Datasheet HTML 2Page - Infineon Technologies AG 65R080CFD Datasheet HTML 3Page - Infineon Technologies AG 65R080CFD Datasheet HTML 4Page - Infineon Technologies AG 65R080CFD Datasheet HTML 5Page - Infineon Technologies AG 65R080CFD Datasheet HTML 6Page - Infineon Technologies AG 65R080CFD Datasheet HTML 7Page - Infineon Technologies AG 65R080CFD Datasheet HTML 8Page - Infineon Technologies AG 65R080CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
650V CoolMOS™ CFD Power Transistor
IPW65R080CFD
Electrical characteristics
Final Data Sheet
5
Rev. 2.0, 2011-02-02
4
Electrical characteristics
Electrical characteristics, at Tj=25 °C, unless otherwise specified.
Table 4
Static characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Drain-source breakdown voltage V(BR)DSS
650
-
-
V
VGS=0 V, ID=1 mA
Gate threshold voltage
VGS(th)
3.5
4
4.5
VDS=VGS, ID=1.76 mA
Zero gate voltage drain current
IDSS
--
1
µA
VDS=650 V, VGS=0 V,
Tj=25 °C
-500
-
VDS=650 V, VGS=0 V,
Tj=150 °C
Gate-source leakage current
IGSS
-
-
100
nA
VGS=20 V, VDS=0 V
Drain-source on-state resistance RDS(on)
-
0.072
0.08
VGS=10 V, ID=17.6 A,
Tj=25 °C
-0.19
-
VGS=10 V, ID=17.6 A,
Tj=150 °C
Gate resistance
RG
-0.75
-
f=1 MHz, open drain
Table 5
Dynamic characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Input capacitance
Ciss
-5030
-
pF
VGS=0 V, VDS=100 V,
f=1 MHz
Output capacitance
Coss
-215
-
Effective output capacitance,
energy related1)
1) Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS
Co(er)
-135
-
VGS=0 V,
VDS=0...480 V
Effective output capacitance, time
related2)
2) Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS
Co(tr)
-675
-
ID=constant, VGS=0 V
VDS=0...480V
Turn-on delay time
td(on)
-20
-
ns
VDD=400 V,
VGS=13 V, ID=26.3 A,
RG=1.8 
Rise time
tr
-18
-
Turn-off delay time
td(off)
-85
-
Fall time
tf
-6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com