Electronic Components Datasheet Search
  English  ▼

X  

BUX12 Datasheet(PDF) 2 Page - Seme LAB

Part # BUX12
Description  NPN MULTI - EPITAXIAL POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUX12 Datasheet(HTML) 2 Page - Seme LAB

  BUX12 Datasheet HTML 1Page - Seme LAB BUX12 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
BUX12
Prelim.10/98
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 0.2mA
IE = 50mA
VCE = 200V
VCE = 300V
VBE = –1.5V
VCE = 300V
VBE = –1.5V
TC = 125°C
IC = 0
VEB = 5V
IC = 5A
IB = 0.5A
IC = 10A
IB = 1.25A
IC = 10A
IB = 1.25A
IC = 5A
VCE = 4V
IC = 10A
VCE = 4V
VCE = 30V
t = 1s
VCE = 140V
t = 1s
IC = 1A
VCE = 15V
f = 10MHz
IC = 10A
IB1 =1.25A
VCC = 150V
IC = 10A
IB1 =1.25A
IB2 = –1.25A
VCC = 150V
Collector - Emitter Sustaining
Voltage
Emitter – BaseVoltage
Collector Cut-off Current
Collector Cut-off Current
Emitter Cut-off Current
Collector – Emitter
Saturation Voltage
Base – Emitter
Saturation Voltage
DC Current Gain
Second Breakdown
Collector Current
Transition Frequency
Turn–On Time
Storage Time
Fall Time
250
7
1.5
1.5
6
1
0.22
1
0.5
1.5
1.23
1.5
20
60
10
5
0.15
8
0.28
1
1.45
2
0.23
0.5
V
V
mA
mA
mA
V
V
—
A
MHz
µs
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
RθJCThermal Resistance Junction to Case
1.17
°C/W
VCEO(sus)*
VEBO
ICEO
ICEX
IEBO
VCE(sat)*
VBE(sat)*
hFE*
IS/b
fT
ton
ts
tf



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com