Electronic Components Datasheet Search
  English  ▼

X  

EPA3571G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3571G
Description  Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3571G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3571G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Common Mode Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Common Mode Choke for EMI Reduction
• Add “-RC” after part number for RoHS Compliant
EPA3571G & EPA3571G-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA3571G & -RC
Rev. A3
1/30/08 JDG
Electrical Parameters @ 25° C
OCL
(µH Min.)
36
15
Interwinding Capacitance
(pF Max.)
0.3
Leakage Inductance
(µH Max.)
0.4
DCR
(
Ω Max.)
Schematic
1
2
4
3
1:1
Package
.100
(2.54)
.010/.015
(.254/.381)
.220
(5.89)
.220
(5.59)
.250
(6.35)
Marking :
PCA
EPA3571G)-RC)
Date Code
Pin 1
I.D.
.060
(1.52)
.090
(2.29)
Pad Layout
.420
(10.67)
.030
(.762
.100
(2.54)
.360
(9.14)
.035
(.889)
0°-8°
.008/.012
(.203/.305)
.016/.022
(.406/.559)
Typical Common Mode Impedance (
Ω)
4000
3000
2000
1000
900
800
700
600
500
400
300
2
4
6
8 10
20
40
60 80 100
Frequency (MHz)
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPA3571G-RC
250°C
0.4528 grams
90 pieces/tube
1000 pieces/13” reel
EPA3571G
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
0.4528 grams
90 pieces/tube
1000 pieces/13” reel
SnPb
Hot Tin Dip (Sn) †
† Lead Material : Ni Barrier over Cu


Similar Part No. - EPA3571G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3571G PCA-EPA3571G Datasheet
26Kb / 1P
Common Mode Choke
EPA3571G-RC PCA-EPA3571G-RC Datasheet
26Kb / 1P
Common Mode Choke
EPA3571G PCA-EPA3571G_15 Datasheet
28Kb / 1P
Common Mode Choke
More results

Similar Description - EPA3571G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com