Electronic Components Datasheet Search
  English  ▼

X  

SPU07N60C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPU07N60C3
Description  Cool MOS Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPU07N60C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPU07N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
8 04
-10
Rev. 2.5
P
Tj
Transconductance
gfs
VDS≥
Input capacitance
Ciss
VGS
VDS
f
Output capacitance
Coss
Reverse transfer capacitance
Crss
VGS
VDS
Turn-on delay time
td(on)
VDD
VGS
RG
Ω
Tj
Rise time
tr
Turn-off delay time
td(off)
Fall time
tf
Gate to source charge
Qgs
VDD
Gate to drain charge
Qgd
VDD
VGS
VDD
EAR f
Coss
VDS
Coss
VDS
6I
SD<=ID, di/dt<=400A/us, VDClink=400V, Vpeak<VBR, DSS, Tj<Tj,max.
Identical low-side and high-side switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com