Electronic Components Datasheet Search
  English  ▼

X  

EPF8264G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8264G
Description  10/100Base-TX Interface Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8264G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8264G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Interface Module
for NIC/HUB Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Robust construction allows for toughest soldering processes
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• Guaranteed to operate with 8 mA DC bias at 105°C
• Add “-RC” after part number for RoHS Compliant
• Operating Temperature : -25°C to +105°C
• Storage Temperature : -25°C to +125°C
• Wire Insulation Class : MW 83C
• 1500 Vrms Isolation
EPF8264G & EPF8264G-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8264G & -RC
Rev. 2
8/23/07 JDG
•
Impedance : 100
Ω Xmit / 100 Ω Rcv • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
Between Channels
-35
10-100
MHz
1-80
MHz
-1/-1
Xmit/Rcv
@ 100
MHz
-1.5/-1.5
Xmit/Rcv
1-10
MHz
-40
1-30
MHz
-18/-18
Xmit/Rcv
30-60
MHz
-12/-12
Xmit/Rcv
60-100
MHz
-10/-10
Xmit/Rcv
@ 100
MHz
Xmit/Rcv
-30/-30
@ 500
MHz
Xmit/Rcv
-10/-10
1-30
MHz
-59/-59
Xmit/Rcv
OCL
(µH)
100 KHz, 0.1 Vrms
8 mA DC Bias
350
Cable Side
Schematic
Transmit Channel
16 TX+
TD+ 1
TD- 3
14 TX-
1CT : 1CT
CT
2
15 CT
Receive Channel
RD- 8
RD+ 6
CT 7
11 RX+
9 RX-
1CT : 1CT
10 CT
Package
Suggested
Solder
Pad Layout
PCA
EPF8264G(-RC)
Date Code
.490
(12.45)
.270
(6.86)
.230
(5.84)
.350
(8.89)
.010/.015
(.254/.381)
.050
(1.27)
.380
(9.65)
.016/.022
(.406/.559)
.008/.012
(.203/.305)
.070
(1.78)
0°-8°
.035
(.889)
.030
(.762)
.050
(1.27)
.055
(1.40)
.410
(10.41)
Pin 1
I.D.
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPF8264G-RC
245°C
1.0 gram
40 pieces/tube
650 pieces/13” reel
EPF8264G
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
1.0 gram
40 pieces/tube
650 pieces/13” reel
SnPb
Hot Tin Dip (Sn) †
† Lead Material : Ni Barrier over Cu


Similar Part No. - EPF8264G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8264G PCA-EPF8264G_15 Datasheet
25Kb / 1P
10/100Base-TX Interface Module
More results

Similar Description - EPF8264G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8025G PCA-EPF8025G_09 Datasheet
154Kb / 1P
10/100Base-TX Interface Module
EPF8126S PCA-EPF8126S Datasheet
23Kb / 1P
10/100Base-TX Interface Module
EPF8119SE PCA-EPF8119SE_15 Datasheet
24Kb / 1P
10/100Base-TX Interface Module
EPF8119SH PCA-EPF8119SH_15 Datasheet
45Kb / 1P
10/100Base-TX Interface Module
EPF8119S-RC PCA-EPF8119S-RC_15 Datasheet
30Kb / 1P
10/100Base-TX Interface Module
EPF8143S PCA-EPF8143S_15 Datasheet
22Kb / 1P
10/100Base-TX Interface Module
EPF8143SE PCA-EPF8143SE_15 Datasheet
24Kb / 1P
10/100Base-TX Interface Module
EPF8264G PCA-EPF8264G_15 Datasheet
25Kb / 1P
10/100Base-TX Interface Module
EPF8266S-RC PCA-EPF8266S-RC_15 Datasheet
22Kb / 1P
10/100Base-TX Interface Module
EPF8291SE-LF PCA-EPF8291SE-LF_15 Datasheet
23Kb / 1P
10/100Base-TX Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com