Electronic Components Datasheet Search
  English  ▼

X  

D1007UK Datasheet(PDF) 3 Page - Seme LAB

Part # D1007UK
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1007UK Datasheet(HTML) 3 Page - Seme LAB

  D1007UK Datasheet HTML 1Page - Seme LAB D1007UK Datasheet HTML 2Page - Seme LAB D1007UK Datasheet HTML 3Page - Seme LAB D1007UK Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D1007UK
Prelim. 6/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Figure 1
Power Output and efficiency vs. Power Input.
Figure 2
Power Output and Gain vs. Power Input.
Figure 3
IMD Vs. Output Power.
OPTIMUM SOURCE AND LOAD IMPEDANCE
Frequency
ZS
ZL
MHz
W
W
W
W
W
W
W
W
400MHZ
10.7 - j35.4
13.8 - j22.2
0
2
4
6
8
10
12
P in W
0
10
20
30
40
50
60
P out
W
20
30
40
50
60
70
80
D r ai n E f f i ci en cy
%
Po u t
D r ai n E f f i ci en cy
f
= 4 0 0 M H z
Idq = 0 .4 A
V ds = 28V
0
2
4
6
8
10
12
P in W
0
10
20
30
40
50
60
P out
W
6
8
10
12
14
16
18
Ga i n
dB
Po u t
Ga i n
f
= 4 0 0 M H z
Idq = 0 .4 A
V ds = 28V
0
10
20
30
40
50
60
P out W PEP
- 60
- 50
- 40
- 30
- 20
- 10
0
IM D 3
dBc
IM D 3
f 1
= 4 0 0 M H z
f 2
= 4 0 0 . 1 M H z
Idq = 0 .4 A
V ds = 28V
!Freq
S11
S21
S12
S22
!MHz
mag
ang
mag
ang
mag
ang
mag
ang
100
0.767
-135
22.646
88
0.0155
9
0.531
-103
200
0.813
-153
10.116
57
0.0099
4
0.692
-131
300
0.841
-161
5.623
39
0.0076
49
0.794
-143
400
0.861
-169
3.548
25
0.0130
79
0.841
-151
500
0.882
-175
2.820
20
0.0210
78
0.875
-156
600
0.902
180
2.093
14
0.0285
78
0.910
-161
700
0.923
174
1.365
9
0.0376
77
0.944
-166
800
0.912
170
1.096
2
0.0457
66
0.944
-170
900
0.923
164
0.902
-3
0.0484
66
0.933
-176
1000
0.923
161
0.724
-4
0.0596
64
0.944
-177
!VDS = 28V, IDQ = 1A
#
MHZ
S MA R 50
Typical S Parameters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com