Electronic Components Datasheet Search
  English  ▼

X  

T930S Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # T930S
Description  Netz-Thyristor Phase Control Thyristor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T930S Datasheet(HTML) 2 Page - Infineon Technologies AG

  T930S Datasheet HTML 1Page - Infineon Technologies AG T930S Datasheet HTML 2Page - Infineon Technologies AG T930S Datasheet HTML 3Page - Infineon Technologies AG T930S Datasheet HTML 4Page - Infineon Technologies AG T930S Datasheet HTML 5Page - Infineon Technologies AG T930S Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T930S
IFBIP D AEC/ 2008-09-15, H.Sandmann
A 46/08
2/6
Seite/page
Thermische Eigenschaften
Mechanische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Charakteristische Werte / Characteristic values
Vorwärts- und Rückwärts-Sperrstrom
forward off-state and reverse current
Tvj = Tvj max
vD = VDRM, vR = VRRM
iD, iR
max.
200 mA
Zündverzug
gate controlled delay time
DIN IEC 60747-6
Tvj = 25 °C, iGM = 1,2 A, diG/dt =
1,2A/µs
tgd
max.
1,4 µs
Freiwerdezeit
circuit commutated turn-off time
Tvj = Tvj max, iTM = ITAVM
vRM = 100 V, vDM = 0,67 VDRM
dvD/dt = 20 V/µs, -diT/dt = 10 A/µs
4.Kennbuchstabe / 4
th letter
tq
F:
K:
M:
max.
max.
max.
25
40
50
µs
µs
µs
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
Kühlfläche / cooling surface
beidseitig / two-sided, θ = 180°sin
beidseitig / two-sided, DC
Anode / anode, θ = 180°sin
Anode / anode, DC
Kathode / cathode, θ = 180°sin
Kathode / cathode, DC
RthJC
max.
max.
max.
max.
max.
max.
0,021
0,020
0,036
0,035
0,048
0,047
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
Kühlfläche / cooling surface
beidseitig / two-sides
einseitig / single-sides
RthCH
max.
max.
0,004
0,008
°C/W
°C/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
125 °C
Betriebstemperatur
operating temperature
Tc op
-40…+125 °C
Lagertemperatur
storage temperature
Tstg
-40…+150 °C
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 3
page 3
Si-Element mit Druckkontakt
Si-pellet with pressure contact
Anpresskraft
clamping force
F
16…32 kN
Steueranschlüsse
control terminals
Gate (flat)
Gate (round, based on AMP 60598)
Kathode / cathode
A 2,8 x 0,5
Ø 1,5
A 4,8 x 0,5
mm
mm
mm
Gewicht
weight
G
typ.
600 g
Kriechstrecke
creepage distance
20 mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com