Electronic Components Datasheet Search
  English  ▼

X  

2N4400 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N4400
Description  NPN Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N4400 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N4400 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N4400
0.6 A, 60 V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
29-Dec-2010 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

A
C
E
K
F
D
B
G
H
J
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
General Purpose Amplifier Transistor
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
40
V
Emitter to Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
0.6
A
Collector Power Dissipation
PC
625
mW
Thermal resistance, junction to ambient
RθJA
200
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC= 0.1mA, IE = 0A
Collector to Emitter Breakdown Voltage
V(BR)CEO *
40
-
-
V
IC= 1mA, IB = 0A
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE= 0.1mA, IC = 0A
Collector Cut-Off Current
ICBO
-
-
0.1
μA
VCB= 60V, IE = 0 A
Emitter Cut-Off Current
IEBO
-
-
0.1
μA
VEB= 6V, IC =0 mA
DC Current Gain
hFE *
20
-
-
VCE= 1V, IC= 1mA
40
-
-
VCE= 1V, IC= 10mA
50
-
150
VCE= 1V, IC= 150mA
20
-
-
VCE= 2V, IC= 500mA
Collector to Emitter Saturation Voltage
VCE(sat) *
-
-
0.4
V
IC= 150mA, IB= 15mA
-
-
0.75
IC= 500mA, IB= 50mA
Base to Emitter Saturation Voltage
VBE(sat) *
0.75
-
0.95
V
IC= 150mA, IB=15mA
-
-
1.2
IC= 500mA, IB= 50mA
Collector output Capacitance
Cob
-
-
6.5
pF
VCB = 5V, IE = 0A, f=1MHz
Emitter input Capacitance
Cib
-
-
30
pF
VEB = 5V, IC = 0A, f=1MHz
Transition Frequency
fT *
200
-
-
MHz
VCE = 10V, IC = 20mA, f=100MHz
*Pulse test:Pulse Width ≦ 300 μs, Duty Cycle ≦ 2.0%.
Emitter
Base
Collector
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76


Similar Part No. - 2N4400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
logo
Semtech Corporation
2N4400 SEMTECH-2N4400 Datasheet
209Kb / 3P
NPN EXPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N4400 FAIRCHILD-2N4400 Datasheet
42Kb / 2P
NPN General Purpose Amplifier
logo
Micro Electronics
2N4400 MICRO-ELECTRONICS-2N4400 Datasheet
182Kb / 2P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Diotec Semiconductor
2N4400 DIOTEC-2N4400 Datasheet
96Kb / 2P
Si-Epitaxial PlanarTransistors
More results

Similar Description - 2N4400

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com