Electronic Components Datasheet Search
  English  ▼

X  

2N4402 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N4402
Description  PNP Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N4402 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N4402 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N4402
-0.6 A, -40 V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
29-Dec-2010 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
General Purpose Amplifier Transistor
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-40
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-0.6
A
Collector Power Dissipation
PC
625
mW
Thermal resistance, junction to ambient
RθJA
200
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC= 0.1mA, IE = 0A
Collector to Emitter Breakdown Voltage
V(BR)CEO *
-40
-
-
V
IC= -1mA, IB = 0A
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -0.1mA, IC = 0A
Collector Cut-Off Current
ICBO
-
-
-0.1
μA
VCB= -40V, IE = 0 A
Emitter Cut-Off Current
IEBO
-
-
-0.1
μA
VEB= -4V, IC =0 mA
DC Current Gain
hFE *
30
-
-
VCE= -1V, IC= -1mA
50
-
-
VCE= -1V, IC= -10mA
50
-
150
VCE= -2V, IC= -150mA
20
-
-
VCE= -2V, IC= -500mA
Collector to Emitter Saturation Voltage
VCE(sat) *
-
-
-0.4
V
IC= -150mA, IB= -15mA
-
-
-0.75
IC= -500mA, IB= -50mA
Base to Emitter Saturation Voltage
VBE(sat) *
-0.75
-
-0.95
V
IC= -150mA, IB=-15mA
-
-
-1.3
IC= -500mA, IB= -50mA
Collector output Capacitance
Cob
-
-
8.5
pF
VCB = -10V, IE = 0A, f=1MHz
Emitter input Capacitance
Cib
-
-
30
pF
VEB = -0.5V, IC = 0A, f=1MHz
Transition Frequency
fT *
150
-
-
MHz
VCE = -10V, IC = -20mA, f=100MHz
*Pulse test:Pulse Width ≦ 300 μs, Duty Cycle ≦ 2.0%.
Emitter
Base
Collector
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
A
C
E
K
F
D
B
G
H
J


Similar Part No. - 2N4402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4402 ONSEMI-2N4402 Datasheet
297Kb / 6P
General Purpose Transistors(PNP Silicon)
1996
logo
Semtech Corporation
2N4402 SEMTECH-2N4402 Datasheet
209Kb / 3P
PNP EXPITAXIAL SILICON TRANSISTOR?
logo
Fairchild Semiconductor
2N4402 FAIRCHILD-2N4402 Datasheet
26Kb / 2P
PNP General Purpose Amplifier
logo
Micro Electronics
2N4402 MICRO-ELECTRONICS-2N4402 Datasheet
189Kb / 2P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Diotec Semiconductor
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
More results

Similar Description - 2N4402

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com