Electronic Components Datasheet Search
  English  ▼

X  

2N5401 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N5401
Description  PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N5401 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N5401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N5401 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2N5401
-0.6 A, -160 V
PNP Plastic Encapsulated Transistor
4-Feb-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2
Base
1
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Switching and amplification in high voltage
Applications such as telephony
Low current (max. 600mA)
High voltage (max. 160V)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
-160
V
Collector to Emitter Voltage
VCEO
-150
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-0.6
A
Collector Power Dissipation
PC
0.625
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Collector to Base Breakdown Voltage
V(BR)CBO
-160
-
-
V
IC=-100
µA, I
E = 0A
Collector to Emitter Breakdown Voltage
V(BR)CEO
-150
-
-
V
IC=-1mA, IB = 0A
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE=-10
µA, I
C = 0A
Collector Cut-Off Current
ICBO
-
-
-50
nA
VCB=-120 V, IE = 0 A
Emitter Cut-Off Current
IEBO
-
-
-50
nA
VEB=-3 V, IC = 0 A
hFE(1)
80
-
-
VCE=-5V, IC=-1mA
hFE(2)
60
-
240
VCE=-5V, IC=-10mA
DC Current Gain
hFE(3)
50
-
-
VCE=-5V, IC=-50mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC=-50mA, IB=-5mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
-1
V
IC=-50mA, IB=-5mA
Transition Frequency
fT
100
-
300
MHz
VCE = -5V, IC = -10mA, f=30MHz
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
A
C
E
K
F
D
B
G
H
J


Similar Part No. - 2N5401

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5401 MOTOROLA-2N5401 Datasheet
177Kb / 6P
Amplifier Transistor(PNP Silicon)
logo
NXP Semiconductors
2N5401 PHILIPS-2N5401 Datasheet
43Kb / 8P
PNP high-voltage transistor
1999 Apr 08
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Semtech Corporation
2N5401 SEMTECH-2N5401 Datasheet
124Kb / 2P
PNP Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications???
logo
Fairchild Semiconductor
2N5401 FAIRCHILD-2N5401 Datasheet
109Kb / 4P
PNP General Purpose Amplifier
More results

Similar Description - 2N5401

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com