Electronic Components Datasheet Search
  English  ▼

X  

2N6520 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N6520
Description  PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N6520 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N6520 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N6520 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N6520
-0.5 A, -350 V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
02-Sep-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High voltage transistors
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
-350
V
Collector to Emitter Voltage
VCEO
-350
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-0.5
A
Collector Power Dissipation
PC
0.625
W
Thermal resistance, junction to ambient
RθJA
200
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Collector to Base Breakdown Voltage
V(BR)CBO
-350
-
-
V
IC= -100μA, IE = 0A
Collector to Emitter Breakdown Voltage
V(BR)CEO *
-350
-
-
V
IC= -1mA, IB = 0A
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -10μA, IC = 0A
Collector Cut-Off Current
ICBO
-
-
-50
nA
VCB= -250V, IE = 0 A
Emitter Cut-Off Current
IEBO
-
-
-50
nA
VEB= -4V, IC =0 mA
DC Current Gain
hFE *
20
-
-
VCE= -10V, IC= -1mA
30
-
-
VCE= -10V, IC= -10mA
30
-
200
VCE= -10V, IC= -30mA
20
-
200
VCE= -10V, IC= -50mA
15
-
-
VCE= -10V, IC= -100mA
Collector to Emitter Saturation Voltage
VCE(sat) *
-
-
-0.3
V
IC= -10mA, IB= -1mA
-
-
-0.35
IC= -20mA, IB= -2mA
-
-
-0.5
IC= -30mA, IB= -3mA
-
-
-1.0
IC= -50mA, IB= -5mA
Base to Emitter Saturation Voltage
VBE(sat) *
-
-
-0.75
V
IC= -10mA, IB= -1mA
-
-
-0.85
IC= -20mA, IB= -2mA
-
-
-0.9
IC= -30mA, IB= -3mA
Base to Emitter voltage
VBE(on) *
-
-
-2
V
VCE= -10V, IC= -100mA
Collector-Base Capacitance
Ccb
-
-
6
pF
VCB = -20V, IE = 0A, f=1MHz
Emitter-Base Capacitance
Ceb
-
-
80
pF
VEB = -0.5V, IC = 0A, f=1MHz
Transition Frequency
fT *
40
-
200
MHz
VCE = -20V, IC = -10mA, f=20MHz
*Pulse test:Pulse Width ≦ 300 μs, Duty Cycle ≦ 2.0%.
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
A
C
E
K
F
D
B
G
H
J


Similar Part No. - 2N6520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6520 ONSEMI-2N6520 Datasheet
229Kb / 8P
High Voltage Transistors
October, 2001 ??Rev. 3
logo
Zetex Semiconductors
2N6520 ZETEX-2N6520 Datasheet
27Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Samsung semiconductor
2N6520 SAMSUNG-2N6520 Datasheet
105Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N6520 FAIRCHILD-2N6520 Datasheet
70Kb / 5P
PNP Epitaxial Silicon Transistor
logo
Micro Commercial Compon...
2N6520 MCC-2N6520 Datasheet
427Kb / 6P
High Voltage Transistor 625mW
More results

Similar Description - 2N6520

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com