Electronic Components Datasheet Search
  English  ▼

X  

2SA1576A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1576A
Description  PNP Silicon Epitaxial Paner Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1576A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1576A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1576A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SA1576A
-0.15A, -60V
PNP Silicon Epitaxial Paner Transistors
07-Jan-2011 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The 2SA1576A is designed for use in driver stage of
AF amplifier and general purpose amplificaion.
FEATURES
Complements of the 2SC4081
Excellent hFE Linearity
CLASSIFICATION OF hFE
Product-Rank
2SA1576A-Q
2SA1576A-R
2SA1576A-S
Range
120~270
180~390
270~560
Marking
FQ
FR
FS
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-323
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-150
mA
Collector Power Dissipation
PC
200
mW
Junction & Storage temperature
TJ, TSTG
150, -55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-60
-
-
V
IC=-50µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC=-1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE=-50µA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
µ
A
VCB=-60V, IE=0
Emitter Cut-off Current
IEBO
0.1
µ
A
VEB=-6V, IC=0
DC Current Gain
hFE
120
-
560
VCE=-6V, IC=-1mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC=-50mA, IB=-5mA
Transition Frequency
fT
-
140
-
MHz
VCE=-12V, IC=-2mA, f=30MHz
Collector Output Capacitance
Cob
-
4
5
pF
VCB=-12V, IE=0, f=1MHz
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - 2SA1576A

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1576A ROHM-2SA1576A Datasheet
76Kb / 3P
General Purpose Transistor
2SA1576A ROHM-2SA1576A Datasheet
72Kb / 4P
General Purpose Transistor
logo
TRANSYS Electronics Lim...
2SA1576A TEL-2SA1576A Datasheet
68Kb / 1P
Plastic-Encapsulated Transistors
logo
Rohm
2SA1576A ROHM-2SA1576A Datasheet
88Kb / 4P
General Purpose Transistor
logo
Guangdong Kexin Industr...
2SA1576A KEXIN-2SA1576A Datasheet
46Kb / 1P
General Purpose Transistor
More results

Similar Description - 2SA1576A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
logo
SeCoS Halbleitertechnol...
2SB1218A SECOS-2SB1218A Datasheet
108Kb / 1P
PNP Silicon Epitaxial Paner Transistors
logo
Micro Commercial Compon...
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
PNP Silicon Epitaxial Transistors
logo
ON Semiconductor
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
logo
SeCoS Halbleitertechnol...
2SB1218A SECOS-2SB1218A_15 Datasheet
108Kb / 1P
PNP Silicon Epitaxial Paner Transistors
logo
Micro Commercial Compon...
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com