Electronic Components Datasheet Search
  English  ▼

X  

TLE4208G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4208G
Description  1-A Quad-HBD (Quad-Half-Bridge Driver)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4208G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4208G Datasheet HTML 8Page - Infineon Technologies AG TLE4208G Datasheet HTML 9Page - Infineon Technologies AG TLE4208G Datasheet HTML 10Page - Infineon Technologies AG TLE4208G Datasheet HTML 11Page - Infineon Technologies AG TLE4208G Datasheet HTML 12Page - Infineon Technologies AG TLE4208G Datasheet HTML 13Page - Infineon Technologies AG TLE4208G Datasheet HTML 14Page - Infineon Technologies AG TLE4208G Datasheet HTML 15Page - Infineon Technologies AG TLE4208G Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TLE4208G
Data Sheet
13
2008-02-04
Diagrams
Quiescent current
I
S
over Temperature
0
-50
0
50
A
150
50
Ι S
C
AED02352
100
T j
10
20
30
40
S
V = 18 V
= 13.2 V
VS
= 8 V
VS
µ
Saturation Voltage of Sink
V
SAT L
over Temperature
AED02309
-50
0
mV
SAT L
V
˚C
0
50
100
150
= 800 mA
OUT
Ι
= 14 V
S
V
250
500
750
1000
= 400 mA
OUT
Ι
= 200 mA
OUT
Ι
T
j
Saturation Voltage of Source
V
SAT U
over Temperature
AED02308
-50
0
mV
SAT U
V
Ι
OUT = 800 mA
˚C
0
50
100
150
250
500
750
1000
1250
1500
= 400 mA
OUT
Ι
= 200 mA
OUT
Ι
= 14 V
S
V
T
j
Total Drop at outputs
V
SAT
over Temperature
AED02310
-50
0
mV
SAT
V
˚C
0
50
100
150
= 14 V
S
V
500
1000
1500
2000
= 800 mA
OUT
Ι
= 400 mA
OUT
Ι
= 200 mA
OUT
Ι
T
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com