Electronic Components Datasheet Search
  English  ▼

X  

2SA1611 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1611
Description  PNP Silicon Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1611 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1611 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SA1611
-0.1A , -60V
PNP Silicon Plastic Encapsulated Transistor
Elektronische Bauelemente
26-Jan-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base
Emitter
Collector

Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
FEATURES
High DC Current Gain
High Voltage
Complementary to 2SC4177
CLASSIFICATION OF hFE
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-100
mA
Collector Power Dissipation
PC
150
mW
Thermal Resistance Junction to Ambient
RθJA
833
°C / W
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage V(BR)CBO
-60
-
-
V
IC= -100A, IE=0
Collector to Emitter
Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -100A, IC=0
Collector Cut-off Current
ICBO
-
-
-100
nA
VCB= -60V, IE=0
Emitter Cut-off Current
IEBO
-
-
-100
nA
VEB= -5V, IC=0
DC Current Gain
hFE
90
-
600
VCE= -6V, IC= -1mA
Collector to Emitter
Saturation Voltage
VCE(sat)
-
-
-0.3
V
IC= -100mA, IB= -10mA
Collector to Emitter Voltage
VBE
-0.58
-
-0.68
V
VCE= -6V, IC= -1mA
Transition Frequency
fT
-
180
-
MHz
VCE= -6V, IC= -10mA
Collector Output Capacitance
Cob
-
4.5
-
pF
VCB= -10V, IE=0, f=1MHz
*Pulse test:pulse width ≦ 350
s, duty cycle ≦ 2.0%.
Product-Rank
2SA1611-M4
2SA1611-M5
Range
90~180
135~270
Marking
M4
M5
Product-Rank
2SA1611-M6
2SA1611-M7
Range
200~400
300~600
Marking
M6
M7
Package
MPQ
LeaderSize
SOT-323
3K
7’ inch
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOT-323
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - 2SA1611

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1611 NEC-2SA1611 Datasheet
194Kb / 4P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
logo
TRANSYS Electronics Lim...
2SA1611 TEL-2SA1611 Datasheet
128Kb / 2P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SA1611 KEXIN-2SA1611 Datasheet
48Kb / 1P
PNP Silicon Epitaxia
logo
Shenzhen Jin Yu Semicon...
2SA1611 HTSEMI-2SA1611 Datasheet
280Kb / 1P
TRANSISTOR(PNP)
logo
SHENZHEN YONGERJIA INDU...
2SA1611 WINNERJOIN-2SA1611 Datasheet
124Kb / 2P
TRANSISTOR (PNP)
More results

Similar Description - 2SA1611

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA1179 SECOS-2SA1179 Datasheet
185Kb / 2P
PNP Silicon Plastic Encapsulated Transistor
2SA1235A SECOS-2SA1235A Datasheet
109Kb / 1P
PNP Silicon Plastic Encapsulated Transistor
2SA1298 SECOS-2SA1298 Datasheet
83Kb / 1P
PNP Silicon Plastic Encapsulated Transistor
2SA1579 SECOS-2SA1579 Datasheet
427Kb / 2P
PNP Silicon Plastic Encapsulated Transistor
2SA1832 SECOS-2SA1832 Datasheet
477Kb / 2P
PNP Silicon Plastic Encapsulated Transistor
2SA1586 SECOS-2SA1586_15 Datasheet
83Kb / 1P
PNP Silicon Plastic Encapsulated Transistor
2SA1611 SECOS-2SA1611_15 Datasheet
109Kb / 1P
PNP Silicon Plastic Encapsulated Transistor
2SA1832 SECOS-2SA1832_15 Datasheet
477Kb / 2P
PNP Silicon Plastic Encapsulated Transistor
2SB624 SECOS-2SB624_15 Datasheet
427Kb / 2P
PNP Silicon Plastic Encapsulated Transistor
2SA1235A SECOS-2SA1235A_15 Datasheet
109Kb / 1P
PNP Silicon Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com