Electronic Components Datasheet Search
  English  ▼

X  

2SA1774 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1774
Description  PNP Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1774 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1774 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1774 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SA1774
-0.15A, -60V
PNP Silicon General Purpose Transistor
31-Dec-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Low COB. COB=4.0pF
Complements the 2SC4617
CLASSIFICATION OF hFE
Product-Rank
2SA1774-Q
2SA1774-R
2SA1774-S
Range
120~270
180~390
270~560
Marking
FQ
FR
FS
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-523
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-6
V
Collector Currrent
IC
-150
mA
Collector Power Dissipation
PC
150
mW
Junction & Storage Temperature
TJ, TSTG
150, -55 ~ 150
℃
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-60
-
-
V
IC=-50
μA, I
E=0
Collector-emitter breakdown voltage
V(BR)CEO
-50
-
-
V
IC=-1
μA, I
B=0
Emitter-base breakdown voltage
V(BR)EBO
-6
-
-
V
IE=-50
μA, I
C=0
Collector cut-off current
ICBO
-
-
-0.1
μA
VCB=-60V, IE=0
Emitter cut-off current
IEBO
-
-
-0.1
μA
VEB= -6V, IC=0
Collector-emitter saturation voltage *
VCE(sat)
-
-
-0.5
V
IC=-50mA, IB=-5mA
Base-emitter saturation voltage *
VBE(sat)
-
-
-1.2
V
IC=-50mA, IB=-5mA
DC current gain
hFE
120
-
560
VCE=-3V, IC=-1mA
Transition frequency
fT
-
140
-
MHz
VCE=-12V, IE=-2mA, f=30MHz
Collector output capacitance
Cob
-
3.5
5.0
pF
VCB=-12V, IE=0, f=1MHz
* Pulse Test :Pulse Width ≤300us,D.C ≤ 2%
SOT-523
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325


Similar Part No. - 2SA1774

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1774 ONSEMI-2SA1774 Datasheet
96Kb / 6P
PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
1996 REV 1
logo
Rohm
2SA1774 ROHM-2SA1774 Datasheet
76Kb / 3P
General Purpose Transistor
logo
Weitron Technology
2SA1774 WEITRON-2SA1774 Datasheet
330Kb / 5P
PNP General Purpose Transistors
logo
ON Semiconductor
2SA1774 ONSEMI-2SA1774 Datasheet
53Kb / 4P
PNP Silicon General Purpose Amplifier Transistor
May, 2006 ??Rev. 6
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - 2SA1774

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com