Electronic Components Datasheet Search
  English  ▼

X  

2SB764L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB764L
Description  PNP Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB764L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB764L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB764L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SB764L Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SB764L
PNP Plastic Encapsulated Transistor
01-April-2009 Rev. A
Page 1 of 3
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
●
Power dissipation PCM: 0.9 W (Tamb=25℃)
●
Collector current ICM: -1 A
●
Collector-base voltage V(BR)CBO: -60 V
●
Operating and storage junction temperature range
TJ, TSTG: -55℃ to +150℃
PACKAGING INFORMATION
Weight: 0.3900 g (Approximate)
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-60
-
-
V
IC = -10
μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE = -10
μA, IC = 0
Collector Cut-off Current
ICBO
-
-
-1
μA
VCB = -50V, IE = 0
Emitter Cut-off Current
IEBO
-
-
-1
μA
VEB = -5V, IC = 0
hFE(1)
60
-
320
VCE = -2V, IC = -0.05A
DC Current Gain
hFE(2)
30
-
-
VCE = -2V, IC = -1A
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-0.7
V
IC = -0.5A, IB = -0.05A
Base-Emitter Voltage
VBE
-
-
-1.2
V
IC = -0.5A, IB = -0.05A
Transition Frequency
fT
-
150
-
MHz
VCE = -10V, IC = -0.05A
Collector Output Capacitance
COB
-
20
-
pF
VCB = -10V, IE = 0, f = 1 MHz
CLASSIFICATION OF hFE(1)
Rank
D
E
F
Range
60 - 120
100 - 200
160 - 320
1
Emitter
2
Collector
3
Base
A
C
E
F
D
B
G
H
J
K
Millimeter
REF.
Min.
Max.
A
4.70
5.10
B
7.80
8.20
C
13.80
14.20
D
3.70
4.10
E
0.35
0.55
F
0.35
0.45
G
1.27 TYP.
H
1.28
1.58
J
2.44
2.64
K
0.60
0.80
TO-92L


Similar Part No. - 2SB764L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SB764L SECOS-2SB764L_15 Datasheet
589Kb / 3P
PNP Plastic Encapsulated Transistor
More results

Similar Description - 2SB764L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com