Electronic Components Datasheet Search
  English  ▼

X  

TLE4274GV50 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4274GV50
Description  Low Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274GV50 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4274GV50 Datasheet HTML 1Page - Infineon Technologies AG TLE4274GV50 Datasheet HTML 2Page - Infineon Technologies AG TLE4274GV50 Datasheet HTML 3Page - Infineon Technologies AG TLE4274GV50 Datasheet HTML 4Page - Infineon Technologies AG TLE4274GV50 Datasheet HTML 5Page - Infineon Technologies AG TLE4274GV50 Datasheet HTML 6Page - Infineon Technologies AG TLE4274GV50 Datasheet HTML 7Page - Infineon Technologies AG TLE4274GV50 Datasheet HTML 8Page - Infineon Technologies AG TLE4274GV50 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet
2
Rev. 1.7, 2011-01-20
TLE 4274
Dimensioning Information on External Components
The input capacitor
C
I is necessary for compensating line influences. Using a resistor of
approx. 1
Ω in series with C
I, the oscillating of input inductivity and input capacitance can
be damped. The output capacitor
C
Q is necessary for the stability of the regulation circuit.
Stability is guaranteed at values
C
Q ≥ 22 μF and an ESR of ≤ 3 Ω within the operating
temperature range.
Circuit Description
The control amplifier compares a reference voltage to a voltage that is proportional to the
output voltage and drives the base of the series transistor via a buffer. Saturation control
as a function of the load current prevents any oversaturation of the power element. The
IC also includes a number of internal circuits for protection against:
•
Overload
•
Overtemperature
•
Reverse polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com