Electronic Components Datasheet Search
  English  ▼

X  

TLE4906-2K Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4906-2K
Description  High Precision Hall-Effect Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906-2K Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4906-2K Datasheet HTML 1Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 2Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 3Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 4Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 5Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 6Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 7Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Product Name
Product Type
Ordering Code
Package
TLE4906-2K
Unipolar Hall Switch
SP000868840
SC59
High Precision Hall-Effect Switch
TLE4906-2K
Datasheet
3
Rev 1.0, 2010-12
1
Product Description
1.1
Overview
The TLE4906-2K is a high precision Hall effect switch
with highly accurate switching thresholds for operating
temperatures up to 150°C.
1.2
Features
•
2.7V to 24V supply voltage
•
Operation from unregulated power supply
•
High sensitivity and high stability of the magnetic switching points
•
High resistance to mechanical stress by Active Error Compensation
•
Reverse battery protection (-18V)
•
Superior temperature stability
•
Low jitter (typ. 1µs)
•
High ESD performance (± 4kV HBM)
•
Digital output signal
•
SMD package
SC59 (SOT23 compatible)
1.3
Target Applications
Target applications for TLE4906-2K are all automotive applications which require a high precision Hall switch for
position sensing with a operating temperature range from -40°C to +150°C. The TLE4906-2K is a unipolar Hall
switch which is actuated with the south pole of a magnet. A magnetic field above the threshold BOP switches the
output to low (output transistor ON) and a magnetic field below the release point BRP back to high (transistor OFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com