Electronic Components Datasheet Search
  English  ▼

X  

TLE4906-3K Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4906-3K
Description  High Precision Hall-Effect Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906-3K Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4906-3K Datasheet HTML 5Page - Infineon Technologies AG TLE4906-3K Datasheet HTML 6Page - Infineon Technologies AG TLE4906-3K Datasheet HTML 7Page - Infineon Technologies AG TLE4906-3K Datasheet HTML 8Page - Infineon Technologies AG TLE4906-3K Datasheet HTML 9Page - Infineon Technologies AG TLE4906-3K Datasheet HTML 10Page - Infineon Technologies AG TLE4906-3K Datasheet HTML 11Page - Infineon Technologies AG TLE4906-3K Datasheet HTML 12Page - Infineon Technologies AG TLE4906-3K Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Datasheet
7
Rev 1.0, 2010-12
TLE4906-3K
Functional Description
2.6
Application circuit
It is recommended to use a series resistor RS with 200Ω and a capacitor of CDD = 4.7nF for protection against
overvoltage and transients on the supply line. A capacitor CQ at the Q pin protects the IC from disturbances
coupled to the output. A pull-up resistor RQ is also required for the output pin Q.
Figure 5
Application circuit
GND
Vs
RQ = 1.2kΩ
CDD = 4.7nF
Rs = 200Ω
VDD
Q
CQ = 4.7nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com