Electronic Components Datasheet Search
  English  ▼

X  

TLE4927C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4927C
Description  Dynamic Differential Hall Effect Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4927C Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4927C Datasheet HTML 1Page - Infineon Technologies AG TLE4927C Datasheet HTML 2Page - Infineon Technologies AG TLE4927C Datasheet HTML 3Page - Infineon Technologies AG TLE4927C Datasheet HTML 4Page - Infineon Technologies AG TLE4927C Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLE4927C supplement
Page 4 of 5
2.
Typical Hysteresis Values
PGA
GainRange
Hysteresis (peak
to peak)
FullRange
=MaxSignal
Percentage
thresholds
X1
6
13.5 mT
±120mT
5,625%
X2
5
10.12 mT
±60mT
8.433%
X4
4
6.75 mT
±30mT
11.25%
X8
3
4.5 mT
±15mT
15%
X16
2
3 mT
±7,5mT
20%
X32
1
2 mT
±3,75mT
26.66%
X64
0
1.5mT
±1,875mT
40%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com