Electronic Components Datasheet Search
  English  ▼

X  

2SB1440 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB1440
Description  PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB1440 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB1440 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB1440 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SB1440
-2 A, -50 V
PNP Plastic Encapsulated Transistor
25-Mar-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low collector-emitter saturation voltage VCE(sat)
For low-frequency output amplification
Complements to 2SD2185
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-89
1K
7’ inch
CLASSIFICATION OF hFE1
Product
2SB1440-R
2SB1440-S
Range
120 - 240
170 - 340
Marking
1L
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-2
A
Collector Power Dissipation
PC
0.5
W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
PNP ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-50
-
-
V
IC= -10μA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
-50
-
-
V
IC= -1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-5
-
-
V
IE= -10μA, IC=0
Collector cut-off current
ICBO
-
-
-1
μA
VCB= -50V, IE=0
Emitter cut-off current
IEBO
-
-
-1
μA
VEB= -5 V, IC=0
hFE1
120
-
340
VCE= -2V, IC= -200mA
DC current gain
hFE2
60
-
-
VCE= -2V, IC= -1A
Collector-emitter saturation voltage
VCE(sat)
-
-
-0.3
V
IC= -1A, IB= -50mA
Base-emitter saturation voltage
VBE(sat)
-
-
-1.2
V
IC= -1A, IB= -50mA
Transition frequency
f T
-
80
-
MHz
VCE= -10V, IC= -50mA,
f=200MHz
Output Capacitance
COB
-
-
60
pF
VCB= -10V, IE=0, f=1MHz
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.20
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2 3
4
B C E


Similar Part No. - 2SB1440

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1440 PANASONIC-2SB1440 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
logo
Guangdong Kexin Industr...
2SB1440 KEXIN-2SB1440 Datasheet
50Kb / 1P
Silicon PNP Epitaxial Planar Type
logo
Shenzhen Jin Yu Semicon...
2SB1440 HTSEMI-2SB1440 Datasheet
225Kb / 2P
TRANSISTOR(PNP)
logo
WILLAS ELECTRONIC CORP
2SB1440 WILLAS-2SB1440 Datasheet
504Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
logo
GUANGDONG HOTTECH INDUS...
2SB1440 HOTTECH-2SB1440 Datasheet
175Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - 2SB1440

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com