Electronic Components Datasheet Search
  English  ▼

X  

TLE4998P4 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE4998P4
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P4 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE4998P4 Datasheet HTML 19Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 20Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 21Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 22Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 23Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 24Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 25Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 26Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
TLE4998P
Signal Processing
Data Sheet
23
V 1.0, 2008-07
6.6
PWM Output Fequency Setup
This enables a setup of different PWM output frequencies, even if the internal RC
oscillator varies by ±20%.
Table 14
Predivider Setting
The nominal unit time is calculated by:
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Register size
Prediv
4
bit
Predivider
PWM output frequency fPWM
122
1953
Hz
OSCClk=1953 Hz
fPWM = OSCClk / (Prediv + 1)
OSCClk = 1953 Hz ±20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com