Electronic Components Datasheet Search
  English  ▼

X  

TLE4998S3 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4998S3
Description  Programmable Linear Hall Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S3 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4998S3 Datasheet HTML 17Page - Infineon Technologies AG TLE4998S3 Datasheet HTML 18Page - Infineon Technologies AG TLE4998S3 Datasheet HTML 19Page - Infineon Technologies AG TLE4998S3 Datasheet HTML 20Page - Infineon Technologies AG TLE4998S3 Datasheet HTML 21Page - Infineon Technologies AG TLE4998S3 Datasheet HTML 22Page - Infineon Technologies AG TLE4998S3 Datasheet HTML 23Page - Infineon Technologies AG TLE4998S3 Datasheet HTML 24Page - Infineon Technologies AG TLE4998S3 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TLE4998S
Signal Processing
Data Sheet
21
V 1.0, 2008-07
6.4
DSP Input Low-Pass Filter
A digital low-pass filter is placed between the Hall A/D converter and the DSP, and can
be used to reduce the noise level. The low-pass filter has a constant DC amplification of
0 dB (Gain of 1), which means that its setting has no influence on the internal Hall ADC
value.
The bandwidth can be set to any of 8 values.
Note: In range 7 (filter off), the output noise increases.
Table 11
Low Pass Filter Setting
Note: Parameter LP
Cutoff frequency in Hz (-3dB point)1)
1) As this is a digital filter running with an RC-based oscillator, the cutoff frequency may vary within ±20%
0
80
1
240
2
440
3
640
4
860
5
1100
6
1390
7
off
Table 12
Low-Pass Filter
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Register size
LP
3
bit
Corner frequency
variation
Δ f
- 20
+ 20
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com