Electronic Components Datasheet Search
  English  ▼

X  

TLE5205-2GP Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE5205-2GP
Description  5-A H-Bridge for DC-Motor Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5205-2GP Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE5205-2GP Datasheet HTML 14Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 15Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 16Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 17Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 18Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 19Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 20Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 21Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TLE 5205-2
Electrical Characteristics
Data Sheet
18
Rev. 1.1, 2007-07-31
Diagrams
Quiescent Current
I
S (Active)
versus Junction Temperature
T
j
Input Switching Thresholds
V
INH, L
versus Junction Temperature
T
j
Static Drain-Source ON-Resistance
versus Junction Temperature
T
j
Clamp Diode Forward Voltage
V
F
versus Junction Temperature
T
j
-50
1
0
150
50
S
AED02398
100
C
2
3
4
5
6
7
= 18 V
S
V
j
T
Ι
mA
V = 6 V
S
0
AED02400
0.5
1.0
1.5
2.0
2.5
3.0
V INH
INL
V
INH, L
V
50
0
-50
C
100
150
T j
0
AED02399
0.1
0.2
0.3
0.4
0.5
0.6
j
T
Low Side Transistor
High Side Transistor
R ON
50
0
-50
C
100
150
0.7
AED02401
0.8
0.9
1.0
1.1
1.2
1.3
High Side Transistor
Low Side Transistor
V F
50
0
-50
C
100
150
T j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com