Electronic Components Datasheet Search
  English  ▼

X  

TLE5206-2 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE5206-2
Description  5-A H-Bridge for DC-Motor Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5206-2 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE5206-2 Datasheet HTML 10Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 11Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 12Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 13Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 14Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 15Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 16Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 17Page - Infineon Technologies AG TLE5206-2 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TLE 5206-2
Electrical Characteristics
Data Sheet
14
Rev.1.1, 2007-07-31
Figure 4
Switching Time Definitions
Figure 5
Application Circuit
AET01994
t
t
Ι
OUT
=
IN
V
Source
0
0
3
t dONH
50%
t rft 100 ns
t dOFFH
Ι
OUT
Sink
t
50%
20%
80%
t ONH
t OFFL
ONL
t
OFFH
t
dOFFL
tt dONL
5
A
V
A
3
0
80%
20%
50%
50%
20%
80%
80%
20%
50%
_
<
EF
IN1
IN2
M
OUT1
OUT2
TLE 5206-2
2
3
5
7
1
6
4
100 nF
+ 5 V
P
µ
100 F
µ
V S
+
V S
GND
2 k
Ω
Ι N = 3 A
Ι BL = 6 A
AES02407



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com