Electronic Components Datasheet Search
  English  ▼

X  

TLE6209R Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6209R Datasheet HTML 1Page - Infineon Technologies AG TLE6209R Datasheet HTML 2Page - Infineon Technologies AG TLE6209R Datasheet HTML 3Page - Infineon Technologies AG TLE6209R Datasheet HTML 4Page - Infineon Technologies AG TLE6209R Datasheet HTML 5Page - Infineon Technologies AG TLE6209R Datasheet HTML 6Page - Infineon Technologies AG TLE6209R Datasheet HTML 7Page - Infineon Technologies AG TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TLE 6209 R
Data Sheet, Version 3.2
5
2010-09-10
2
Circuit Description
2.1
Serial Peripheral Interface (SPI)
The SPI is used for bidirectional communication with a control unit. The 8-bit
programming word or control word (see Table 1) is read in via the SDI serial data input,
and this is synchronized with the serial clock input SCLK. The status word appears
synchronously at the SDO serial data output (see Table 4).
The transmission cycle begins when the chip is selected with the chip-select-not (CSN)
input (H to L). When the CSN input changes from L to H, the word which has been read
into the shift register becomes the control word. The SDO output switches then to tristate
status, thereby releasing the SDO bus circuit for other uses. The SPI allows to parallel
multiple SPI devices by using multiple CSN lines. Due to the full duplex shift register, the
TLE 6209 R can also be used in daisy-chain configuration.
The settings made by the SPI control word become active at the end of the SPI
transmission and remain valid until a different control word is transmitted or a power on
reset occurs. At each SPI transmission, the diagnosis bits as currently valid in the error
logic are transmitted. The behavior of the diagnosis bits is described in Section 2.5.
Table 1
Input Data Protocol
Bit
7
Status Register Reset: H = reset
6
OVLO: H = on, L = off
5
not used
4
MSB of 2bit chopper-OFF-time
3
LSB of 2bit chopper-OFF-time
2
PWM Operation mode: H = Fast decay, L = Slow decay
1
MSB of 2 bit chopper current limit
0
LSB of 2 bit chopper current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com