Electronic Components Datasheet Search
  English  ▼

X  

TLE6361G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6361G
Description  Multi-Voltage Processor Power Supply
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6361G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6361G Datasheet HTML 17Page - Infineon Technologies AG TLE6361G Datasheet HTML 18Page - Infineon Technologies AG TLE6361G Datasheet HTML 19Page - Infineon Technologies AG TLE6361G Datasheet HTML 20Page - Infineon Technologies AG TLE6361G Datasheet HTML 21Page - Infineon Technologies AG TLE6361G Datasheet HTML 22Page - Infineon Technologies AG TLE6361G Datasheet HTML 23Page - Infineon Technologies AG TLE6361G Datasheet HTML 24Page - Infineon Technologies AG TLE6361G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
TLE 6361 G
Data Sheet, Rev. 2.0
21
2005-03-01
Figure 11 SPI-Input Timing
Figure 12 DO Valid Data Delay Time and Valid Time
CLK
0.7 V
Q_LDO1
0.2 V
Q_LDO1
50%
DO
90%
10%
DO
90%
10%
(low to high)
(high to low)
t
rIN
t
fIN <10ns
t
rDO
t
fDO
t
VADO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com