Electronic Components Datasheet Search
  English  ▼

X  

TLE7182EM Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7182EM
Description  H-Bridge and Dual Half Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7182EM Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7182EM Datasheet HTML 9Page - Infineon Technologies AG TLE7182EM Datasheet HTML 10Page - Infineon Technologies AG TLE7182EM Datasheet HTML 11Page - Infineon Technologies AG TLE7182EM Datasheet HTML 12Page - Infineon Technologies AG TLE7182EM Datasheet HTML 13Page - Infineon Technologies AG TLE7182EM Datasheet HTML 14Page - Infineon Technologies AG TLE7182EM Datasheet HTML 15Page - Infineon Technologies AG TLE7182EM Datasheet HTML 16Page - Infineon Technologies AG TLE7182EM Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
13
Rev 1.1, 2010-09-30
H-Bridge and Dual Half Bridge Driver IC
TLE7182EM
Description and Electrical Characteristics
MOSFET driver output
5.1.11
Output source resistance
R
Sou
2–
13.5
Ω
I
Load=-20mA
5.1.12
Output sink resistance
R
Sink
2–
9.0
Ω
I
Load=20mA
5.1.13
High level output voltage Gxx vs.
Sxx
V
Gxx1
–11
15
V
13.5V
≤V
VS≤34V;
I
Load=0mA
5.1.14
High level output voltage Gxx vs.
Sxx
V
Gxx2
–11
13.5
V
13.5V
≤V
VS≤34V;
C
Load=20nF;
D.C.=50%;
f
PWM=20kHz
5.1.15
High level output voltage GHx vs.
SHx1)
V
GHx3
–
V
VS-1.5 –
V
7.0V<V
VS<13.5V;
C
Load=20nF;
D.C.=50%;
f
PWM=20kHz
5.1.16
High level output voltage GLx vs.
GND1)
V
GLx3
–
V
VS-0.5 –
V
7.0V<V
VS<13.5V;
C
Load=20nF;
f
PWM=20kHz &
D.C.=50%;
or D.C=100%
5.1.17
High level output voltage GHx vs.
SHx1)2)
V
GHx4
5.0
+
V
diode
––V
V
VS=7.0V;
C
Load=20nF;
D.C.=95%;
f
PWM=20kHz;
passive
freewheeling
5.1.18
High level output voltage GHx vs.
SHx1)
V
GHx5
5.0
––V
V
VS=7.0V;
C
Load=20nF;
D.C.=95%;
f
PWM=20kHz
5.1.19
High level output voltage GLx vs.
SLx1)
V
GLx5
6.0
––V
V
VS=7.0V;
C
Load=20nF;
D.C.=95%;
f
PWM=20kHz
5.1.20
High level output voltage GHx vs.
SHx1)
V
GHx5
10
–
–
V
7.0V
≤V
VS≤13.5V;
C
Load=20nF;
D.C.=100%
5.1.21
High level output voltage GLx vs.
SLx1)
V
GLx5
6.5
––V
V
VS=7.0V;
C
Load=20nF;
D.C.=100%
5.1.22
Rise time
t
rise
–250
–
ns
C
Load=11nF;
R
Load=1Ω;
V
VS=7V;
20-80%
5.1.23
Fall time
t
fall
–
200
–
ns
Electrical Characteristics MOSFET Drivers
V
S = 7.0 to 34V, Tj = -40 to +150°C all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com