Electronic Components Datasheet Search
  English  ▼

X  

TLE7234EM Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7234EM
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7234EM Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7234EM Datasheet HTML 9Page - Infineon Technologies AG TLE7234EM Datasheet HTML 10Page - Infineon Technologies AG TLE7234EM Datasheet HTML 11Page - Infineon Technologies AG TLE7234EM Datasheet HTML 12Page - Infineon Technologies AG TLE7234EM Datasheet HTML 13Page - Infineon Technologies AG TLE7234EM Datasheet HTML 14Page - Infineon Technologies AG TLE7234EM Datasheet HTML 15Page - Infineon Technologies AG TLE7234EM Datasheet HTML 16Page - Infineon Technologies AG TLE7234EM Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
SPI Driver for Enhanced Relay Control
TLE7234EM
Power Supply
Data Sheet
13
Rev. 1.0, 2010-02-18
5
Power Supply
The TLE7234EM is supplied by two supply voltages
V
bb and VDD. The Vbb supply line is connected to a battery
feed and used by the power switches and by an integrated power supply for the register banks. There is an under
voltage reset function implemented for the
V
bb power supply, which is triggered if Vbb is below the undervoltage
threshold. After start-up of the power supply, all SPI registers are reset to their default values and the device is in
sleep mode (standby). Sending the SPI command CMD.WAKE = 1 switches the device to operation mode (ON),
while a command CMD.STB = 1 send the device to sleep mode (standby) again. Please note that the device
needs the time
t
wu(Sleep) to initialize itself. No SPI command should be send after changing the power state via
CMD.WAKE = 1 before this time is elapsed. A SPI frame send during
t
wu(Sleep) could be ignored.
The
V
DD supply line is used to power the circuitry related to the SPI shift register and for driving the SO line. As a
result, the daisy chain function is available as soon as
V
DD is provided in the specified range independent of Vbb.
A capacitor between pins
V
DD and GND is recommended (especially in case of EMI disturbances).
Please see Figure 14 “Application Diagram” on Page 35 for details.
The device provides a sleep mode (stand by) to minimize current consumption, which also resets the register
banks. It is entered and left by dedicated SPI commands or by turning off the VDD supply.
The following table shows the operation modes depending on
V
bb, VDD .
5.1
Reset
There are several reset trigger implemented in the device. A reset switches off all channels and sets the registers
to default values. After any kind of reset, the transmission error flag (TER) is set and the device is in sleep mode.
Under Voltage Reset:
During this device condition a read on SPI delivers the Standard Diagnostic Frame with a TER flag, if
V
DD is above
the under voltage threshold already, if not SPI is not working.
This under voltage reset is released when
V
DD and Vbb supply voltage levels are above under voltage threshold.
Reset Command: There is a reset command available to reset all register bits of the register bank and the
diagnosis registers. As soon as CMD.RST = 1, a reset is triggered.
Operation Modes
VBB
0 V0 V12 V
12 V
VDD
0 V5 V0 V
5 V
Switches operating
-
-
✓✓
SPI & daisy-chain
-
✓
-
✓
Register Banks
reset
reset
✓
✓
Diagnostic functions
-
-
✓
✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com