Electronic Components Datasheet Search
  English  ▼

X  

TLE7272-2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE7272-2
Description  5-V Low Dropout Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272-2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE7272-2 Datasheet HTML 1Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 2Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 3Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 4Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 5Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 6Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Type
Package
Marking
TLE7272-2E
PG-SSOP-14 Exposed Pad
7272-2E
TLE7272-2D
PG-TO252-5
7272-2D
PG-SSOP-14 Exposed Pad
PG-TO252-5
Data Sheet
2
Rev. 1.0, 2009-06-01
5-V Low Dropout Voltage Regulator
TLE7272-2
1Overview
Features
•
Ultra Low Current Consumption 20
µA
•
Output Voltage 5 V
±2%
•
Output Current up to 300 mA
•
Power-On and Undervoltage Reset
•
Reset Low Down to
V
Q = 1 V
•
Enable Input
•
Very Low Dropout Voltage
•
Output Current Limitation
•
Overtemperature Shutdown
•
Wide Temperature Range From -40 °C up to 150 °C
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE7272-2 is a monolithic integrated low dropout voltage regulator
for load currents up to 300 mA. An input voltage up to 42 V is regulated
to
V
Q,nom = 5.0 V with a precision of ±2%. Due to its integrated reset
circuitry featuring power on timing and output voltage monitoring the IC is
well suited as
µ-controller supply. The sophisticated design allows to
achieve stable operation even with ceramic output capacitors down to
470 nF. The device is designed for the harsh environment of automotive
applications. Therefore it is protected against overload, short circuit and overtemperature conditions by the
implemented output current limitation and the overtemperature shutdown circuit. The TLE7272-2 can be also used
in all other applications requiring a stabilized 5 V voltage.
Due to its ultra low quiescent current of typically 20 µA the TLE7272-2 is dedicated for use in applications
permanently connected to
V
BAT. In addition the device can be switched off via the Enable input reducing the current
consumption to typically 5
µA. An integrated output sink current circuitry keeps the voltage at the Output pin Q
below 5.5 V even in case of occuring reverse currents. Thus connected devices are protected from overvoltage
damage. For applications requiring extremely low noise levels the Infineon voltage regulator family TLE 42XX and
TLE 44XX is more suited than the TLE7272-2. A mV-range output noise on the TLE7272-2 caused by the charge
pump operation is unavoidable due to the ultra low quiescent current concept.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com