Electronic Components Datasheet Search
  English  ▼

X  

TLE7274D Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7274D
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7274D Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7274D Datasheet HTML 9Page - Infineon Technologies AG TLE7274D Datasheet HTML 10Page - Infineon Technologies AG TLE7274D Datasheet HTML 11Page - Infineon Technologies AG TLE7274D Datasheet HTML 12Page - Infineon Technologies AG TLE7274D Datasheet HTML 13Page - Infineon Technologies AG TLE7274D Datasheet HTML 14Page - Infineon Technologies AG TLE7274D Datasheet HTML 15Page - Infineon Technologies AG TLE7274D Datasheet HTML 16Page - Infineon Technologies AG TLE7274D Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
13
Rev. 1.1, 2005-07-30
TLE 7274
Line Regulation dV
Q versus Input
Voltage ChangedV
I
Load Transient Response Peak Voltage
dV
Q
Load Transient Response Peak Voltage
dV
Q
Line Transient Response Peak Voltage
dV
Q
0
V
I [V ]
51 5
2 0
3 0
3 5
∆ V
Q
[m V ]
19_ dV Q - d V I _ - 4 0 C . v s d
-3
-4
-5
-2
10
25
45
40
0
T
j = 40 ° C
-6
IQ = 10m A
IQ = 200m A
IQ = 100m A
IQ = 1 m A
20_Load T r anc ient v s t im e 125 . v s d
I Q 1 : 10 0m A
T= 4 0 µs / D I V
VQ =1 0 0 m V/ D I V
VQ
Tj = 1 2 5 ° C
Vi = 1 3 .5 V
20_Loa d T r anc ient v s t im e 25 . v s d
I Q 1 : 10 0m A
T= 4 0 µs / D I V
VQ =1 0 0 m V/ D I V
VQ
Tj = 2 5 ° C
Vi = 1 3 .5 V
21_L in e T r anc ient v s t im e 25. v s d
dV
I 2V
T = 40 0µ s / D I V
VQ =5 0 m V/ D I V
VQ
Tj = 2 5 ° C
Vi = 1 3 .5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com