Electronic Components Datasheet Search
  English  ▼

X  

TLE42344G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42344G
Description  Low Dropout Linear Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42344G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42344G Datasheet HTML 1Page - Infineon Technologies AG TLE42344G Datasheet HTML 2Page - Infineon Technologies AG TLE42344G Datasheet HTML 3Page - Infineon Technologies AG TLE42344G Datasheet HTML 4Page - Infineon Technologies AG TLE42344G Datasheet HTML 5Page - Infineon Technologies AG TLE42344G Datasheet HTML 6Page - Infineon Technologies AG TLE42344G Datasheet HTML 7Page - Infineon Technologies AG TLE42344G Datasheet HTML 8Page - Infineon Technologies AG TLE42344G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PG-SOT223-4
Type
Package
Marking
TLE42344G
PG-SOT223-4
42344
Data Sheet
2
Rev. 1.0, 2010-02-08
Low Dropout Linear Voltage Regulator
TLE42344G
1Overview
Features
•
Output voltage tolerance
≤ ±2%
•
Low dropout voltage
•
Output current up to 100 mA
•
Very low current consumption
•
Overtemperature shutdown
•
Output current limitation
•
Suitable for use in automotive electronics
•
Reverse polarity protection
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
TLE42344G is a 5 V low dropout fixed voltage regulator in an PG-SOT223-4 package. The IC regulates an input
voltage
V
I in the range 5.5 V < VI < 45 V to VQrated = 5.0 V. The maximum output current is more than 100 mA. This
IC is protected against shortcircuit and overheat by the integrated output current limitation and the
overtemperature shutdown
Dimensioning Information on External Components
The input capacitor
C
i is necessary for compensating line influences. The output capacitor CQ is necessary for the
stability of the regulating circuit. Stability is guaranteed at values
C
Q ≥ 10 µF and an ESR ≤ 10 Ω within the
operating temperature range.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly precise by resistance adjustment, to a
voltage that is proportional to the output voltage and drives the base of the series transistor via a buffer. Saturation
control, working as a function of load current, prevents any over-saturation of the power element.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com