Electronic Components Datasheet Search
  English  ▼

X  

TLE42694 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE42694
Description  Low Dropout Fixed Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42694 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE42694 Datasheet HTML 17Page - Infineon Technologies AG TLE42694 Datasheet HTML 18Page - Infineon Technologies AG TLE42694 Datasheet HTML 19Page - Infineon Technologies AG TLE42694 Datasheet HTML 20Page - Infineon Technologies AG TLE42694 Datasheet HTML 21Page - Infineon Technologies AG TLE42694 Datasheet HTML 22Page - Infineon Technologies AG TLE42694 Datasheet HTML 23Page - Infineon Technologies AG TLE42694 Datasheet HTML 24Page - Infineon Technologies AG TLE42694 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Electrical Characteristics Reset Function
V
I = 13.5 V, -40 °C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Default Output Undervoltage Reset
Switching Thresholds
V
RT
4.5
4.65
4.8
V
V
Q decreasing
Reset Adjust
Switching Threshold
V
RADJ,th
1.26
1.35
1.44
V
3.5 V
≤ V
Q < 5 V
Reset Adjustment Range1)
1)
V
RT is scaled linearly, in case the Reset Switching Threshold is modified
V
RT,range
3.50
–
4.65
V
–
Reset Output Low Voltage
V
RO,low
–
0.1
0.4
V
1 V
≤ V
Q ≤ VRT
no external
R
RO,ext
Reset Output Internal Pull-Up
Resistor to
V
Q
R
RO
10
20
40
k
Ω
–
Optional Reset Output External
Pull-up Resistor to
V
Q
R
RO,ext
20
–
–
k
Ω
1 V
≤ V
Q ≤ VRT ;
V
RO ≤ 0.4 V
Delay Pin Output Voltage
V
D
–
–
5
V
–
Power On Reset Delay Time
t
rd
17
28
39
ms
C
D = 100 nF
Upper Delay
Switching Threshold
V
DU
–
1.8
–
V
–
Lower Delay
Switching Threshold
V
DL
–
0.45
–
V
–
Delay Capacitor
Charge Current
I
D,ch
–
6.5
–
µA
V
D = 1 V
Delay Capacitor
Reset Discharge Current
I
D,dch
–
70
–
mA
V
D = 1 V
Delay Capacitor
Discharge Time
t
rr,d
–
1.9
3
µs
Calculated Value:
t
rr,d = CD*(VDU -
V
DL)/ ID,dch
C
D = 100 nF
Internal Reset Reaction Time
t
rr,int
–
3
7
µs
C
D = 0 nF
2)
2) parameter not subject to production test; specified by design
Reset Reaction Time
t
rr,total
–
4.9
10
µs
Calculated Value:
t
rr,total = trr,int + trr,d
C
D = 100 nF
TLE42694
Block Description and Electrical Characteristics
Data Sheet
21
Rev. 1.2, 2010-11-26
Output Undervoltage Reset
5.3.1
Output Undervoltage Reset Threshold Adjustment
5.3.2
5.3.3
Reset Output RO
5.3.4
5.3.5
5.3.6
Reset Delay Timing
5.3.7
5.3.8
5.3.9
5.3.10
5.3.11
5.3.12
5.3.13
5.3.14
5.3.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com