Electronic Components Datasheet Search
  English  ▼

X  

2SC4226 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4226
Description  NPN Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4226 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4226_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4226_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC4226_11 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SC4226
0.1A , 20V
NPN Silicon Epitaxial Planar Transistor
24-Feb-2011 Rev. B
Page 1 of 3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
●
Low noise
●
High gain
●
Power dissipation.(PC=150mW)
APPLICATIONS
●
High frequency low noise amplifier.
CLASSIFICATION OF hFE
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-323
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS ( TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3
V
Collector Current – Continuous
IC
100
mA
Collector Power Dissipation
PC
150
mW
Junction, Storage Temperature
TJ, TSTG
+150, -65 ~ +150
℃
ELECTRICAL CHARACTERISTICS ( TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Testing Condition
Collector-base breakdown voltage
V(BR)CBO
20
-
-
V
IC=100μA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
12
-
-
V
IC=1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
3
-
-
V
IE=100μA, IC=0
Collector Cut-off Current
ICBO
-
-
1
A
VCB=10V, IE=0
Emitter Cut-off Current
IEBO
-
-
1
A
VEB=1V, IC=0
DC Current Gain
hFE
40
110
250
VCE=3V, IC=7mA
Transition Frequency
fT
3.0
4.5
-
GHz
VCE=3V, IE=7mA
Feed Back Capacitance
Cre
-
0.7
1.5
pF
VCE=3V, IE=0, f=1MHz
Noise Figure
NF
-
1.2
2.5
dB
VCE=3V, IC=7mA, f=1GHz
Product-Rank
2SC4226-P
2SC4226-Q
2SC4226-R
Range
40~80
70~140
125~250
Marking
r23
r24
r25
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - 2SC4226_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_15 Datasheet
258Kb / 3P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SC4226_11

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com