Electronic Components Datasheet Search
  English  ▼

X  

2SD1781 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD1781
Description  NPN Silicon Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1781 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1781 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1781 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD1781 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD1781
0.8A, 40V
NPN Silicon Plastic Encapsulated Transistor
Elektronische Bauelemente
30-Dec-2010 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3

Emitter

Base
Collector

FEATURES
 Very low V
CE(sat).VCE(sat) < 0.4 V (Typ.)
(IC /IB = 500mA / 50mA)
 Complements to 2SB1197
CLASSIFICATION OF hFE
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
32
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
0.8
A
Collector Power Dissipation
PC
200
mW
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector–Base Breakdown Voltage
BVCBO
40
-
-
V
IC = 50A, IE = 0
Collector–Emitter Breakdown Voltage
BVCEO
32
-
-
V
IC = 1mA, IB = 0
Emitter–Base Breakdown Voltage
BVEBO
5
-
-
V
IE = 50A, IC = 0
Collector Cut-off Current
ICBO
-
-
0.5
A
VCB = 20V, IE = 0
Emitter Cut-off Current
IEBO
-
-
0.5
A
VEB = 4V, IC = 0
DC Current Gain
hFE
120
-
390
IC = 100mA, VCE = 3V
Collector–Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC = 500mA, IB = 50mA
Transition Frequency
fT
-
150
-
MHz
VCE = 5V, IC = 50mA, f = 100MHz
Collector Output Capacitance
Cob
-
10
-
pF
VCB = 10V, IE = 0, f = 1.0MHz
Product-Rank
2SD1781-Q
2SD1781-R
Range
120 ~ 270
180 ~ 390
Marking
AFQ
AFR
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOT-23
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.00
G
0.10 REF.
B
2.25
2.55
H
0.55 REF.
C
1.20
1.40
J
0.08
0.15
D
0.90
1.15
K
0.5 REF.
E
1.80
2.00
L
0.95 TYP.
F
0.30
0.50


Similar Part No. - 2SD1781

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SD1781 JIANGSU-2SD1781 Datasheet
828Kb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
DONGGUAN YOU FENG WEI E...
2SD1781 YFWDIODE-2SD1781 Datasheet
324Kb / 2P
Medium Power Transistor
logo
Nanjing International G...
2SD1781 DGNJDZ-2SD1781 Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
Pan Jit International I...
2SD1781A PANJIT-2SD1781A Datasheet
270Kb / 5P
NPN Low Vce(sat) Transistor
October 17,2019-REV.01
2SD1781A_R1_00001 PANJIT-2SD1781A_R1_00001 Datasheet
270Kb / 5P
NPN Low Vce(sat) Transistor
October 17,2019-REV.01
More results

Similar Description - 2SD1781

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3356F SECOS-2SC3356F Datasheet
349Kb / 2P
NPN Silicon Plastic Encapsulated Transistor
2SC4226 SECOS-2SC4226 Datasheet
287Kb / 3P
NPN Silicon Plastic Encapsulated Transistor
2SD1781K SECOS-2SD1781K Datasheet
702Kb / 2P
NPN Silicon Plastic Encapsulated Transistor
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SD1781 SECOS-2SD1781_15 Datasheet
78Kb / 3P
NPN Silicon Plastic Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com