Electronic Components Datasheet Search
  English  ▼

X  

MLL3595A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MLL3595A
Description  SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL3595A Datasheet(HTML) 1 Page - Microsemi Corporation

  MLL3595A Datasheet HTML 1Page - Microsemi Corporation MLL3595A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01844
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
SWITCHING DIODE
– METALLURGICALLY BONDED
– HERMETICALLY SEALED
– DOUBLE PLUG CONSTRUCTION
Qualified per MIL-PRF-19500/241
LDS-0073 Rev. 2 (100246)
Page 1 of 2
DEVICES
LEVELS
1N3595AUR-1
LL3595A
MLL3595A
JAN
JANTX
JANTXV
MAXIMUM RATING AT 25°C
Operating Temperature:
-65°C to +175°C
Storage Temperature:
-65°C to +175°C
Surge Current A, sine 1S:
500mA
Surge Current A, sine 1µS:
4A
Total Power Dissipation:
500mW
Operating Current:
150mA, TA = +25°C
D.C. Reverse Voltage (VRWM):
125V
DC ELECTRICAL CHARACTERISTICS
VF
IR
VBR
Ambient
(°C)
IF
mA
Min
V
Max
V
Ambient
(°C)
VR
V (dc)
Min
µA
Max
µA
Ambient
(°C)
IR
µA
Min
V
Max
V
25
1
0.52
0.70
25
125
-
0.002
-55
100
150
-
25
5
0.60
0.765
150
125
-
3
25
10
0.65
0.80
25
50
0.74
0.88
25
100
0.79
0.92
25
200
0.83
1.00
AC ELECTRICAL CHARACTERISTICS AT 25°C
Min
Max
Unit
Capacitance @ 0V
-
8.0
pF
TRR @ IF = 10mA
VR = 35V
-
3.0
µsec
DO-213AA


Similar Part No. - MLL3595A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL3595 MICROSEMI-MLL3595 Datasheet
73Kb / 2P
METALLURGICALLY BONDED
More results

Similar Description - MLL3595A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com