Electronic Components Datasheet Search
  English  ▼

X  

BAS70TW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS70TW
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS70TW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS70TW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS70TW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAS70TW/DW-04/DW-05/
DW-06/BRW
VOLTAGE 70 V, 70 mA
Schottky Barrier Diode
17-Nov-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
B
L
F
H
C
J
D G
K
A
E
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
♦
Low Forward Voltage Drop
♦
Fast Switching
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
TYPE NUMBER
SYMBOL
VALUE
UNIT
Peak Repetitive Peak Reverse Voltage
VRRM
70
V
Working Peak Reverse Voltage
VRWM
70
V
DC Blocking Voltage
VR
70
V
Forward Continuous Current
IF
70
mA
Peak Forward Surge Current @<1.0s
IFSM
100
mA
Power Dissipation
PD
200
mW
Thermal Resistance Junction to Ambient Air
R
θJA
625
°C/W
Storage Temperature
TSTG
-55~150
°C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
MIN
MAX
UNIT
TEST CONDITION
VF1
-
0.41
V
IF=1mA
Forward Voltage
VF2
-
1
V
IF=15mA
Reverse Current
IR
-
100
nA
VR=50V
Capacitance between Terminals
CT
-
2
pF
VR=0V, f=1MHz
Reverse Recovery Time
trr
-
5
ns
IF= IR=10mA, Irr=0.1XIR,
RL=100
SOT-363
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
8°
E
1.20
1.40
L
0.650 TYP.
F
0.15
0.35


Similar Part No. - BAS70TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70TW DIODES-BAS70TW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAS70TW DIODES-BAS70TW Datasheet
56Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30158 Rev. E-1
BAS70TW DIODES-BAS70TW Datasheet
81Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30158 Rev. 10 - 2
logo
Pan Jit International I...
BAS70TW PANJIT-BAS70TW Datasheet
152Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
logo
Diodes Incorporated
BAS70TW DIODES-BAS70TW Datasheet
130Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev. 12 - 2 July 2008
More results

Similar Description - BAS70TW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com