Electronic Components Datasheet Search
  English  ▼

X  

1N2846B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N2846B
Description  50 WATT ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2846B Datasheet(HTML) 2 Page - Microsemi Corporation

  1N2846B Datasheet HTML 1Page - Microsemi Corporation 1N2846B Datasheet HTML 2Page - Microsemi Corporation 1N2846B Datasheet HTML 3Page - Microsemi Corporation 1N2846B Datasheet HTML 4Page - Microsemi Corporation 1N2846B Datasheet HTML 5Page - Microsemi Corporation 1N2846B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
50 WATT ZENER DIODES
Qualified per MIL-PRF-19500/114
T4-LDS-0076 Rev. 2 (101151)
Page 2 of 6
APPLICATIONS / BENEFITS
Regulates voltage over a broad operating current and temperature range
Standard voltage tolerances are +/- 5% with B suffix
Consult factory for +/-10% with an A suffix, +/-20% with no suffix, +/-2% with a C suffix and +/-1% with a D
suffix respectively
Reverse polarity available
Nonsensitive to ESD per MIL-STD-750 Method 1020
Inherently radiation hard as described in Microsemi MicroNote 050
MAXIMUM RATINGS
Junction Temperatures: -65°C to +175°C
Storage Temperatures: -65°C to +200°C
DC Power Dissipation: 50 watts at TC < 75°C
Power Derating: 0.5W/°C above 75°C
Forward Voltage @ 10A: 1.5 Volts
THERMAL RESISTANCE: 2.0°C/W maximum junction to base (1.5°C/W typical)
Solder temperatures: 260°C for 10 s (max)
MECHANICAL AND PACKAGING
CASE: Industry Standard TO-3 (TO-204AD), hermetically sealed, 0.052 inch diameter pins.
FINISH: All external surfaces are corrosion resistant and terminal solderable.
POLARITY: Standard Polarity units are connected anode to case. Reverse polarity (cathode to case) is
indicated by suffix R. In either example, both pins are common with one another as anode or cathode (see
circuit on last page).
WEIGHT: 15 grams.
MOUNTING HARDWARE: Consult factory for optional insulator and sheet metal screws
See package dimensions on last page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com