Electronic Components Datasheet Search
  English  ▼

X  

BC337 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BC337
Description  NPN Plastic-Encapsulate Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC337 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BC337_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC337_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC337_11 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BC337_11 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
BC337 / BC338
NPN Plastic-Encapsulate Transistor
04-Mar-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BC337
50
-
-
Collector to Base Breakdown
Voltage
BC338
V(BR)CBO
30
-
-
V
IC=100µA, IE=0
BC337
45
-
-
Collector to Emitter Breakdown
Voltage
BC338
V(BR)CEO
25
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=10µA, IC=0
BC337
-
-
0.1
VCB=45V, IE=0
Collector Cut-Off Current
BC338
ICBO
-
-
0.1
µ
A
VCB=25V, IE=0
BC337
-
-
0.2
VCE=40V, IB=0
Collector Cut-Off Current
BC338
ICEO
-
-
0.2
µ
A
VCE=20V, IB=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µ
A
VEB=4V, IC=0
hFE (1)
100
-
630
VCE=1V, IC=100mA
DC Current Gain
hFE (2)
60
-
-
VCE=1V, IC=300mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.7
V
IC=500mA, IB=50mA
Base-Emitter Saturation Voltage
VBE(sat)
-
-
1.2
V
IC=500mA, IB=50mA
Base-Emitter Voltage
VBE
-
-
1.2
V
VCE=1V, IC=300mA
Transition Frequency
fT
210
-
-
MHz VCE=5V, IC=10mA, f=100MHz
Collector Output Capacitance
Cob
-
15
-
pF
VCB=10V, IE=0, f=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com