Electronic Components Datasheet Search
  English  ▼

X  

BC846AW Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BC846AW
Description  NPN Plastic Encapsulate Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC846AW Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BC846AW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC846AW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC846AW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BC846AW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC846AW,BW
BC847AW, BW, CW
BC848AW, BW, CW
NPN Plastic Encapsulate Transistor
Elektronische Bauelemente
24-Mar-2010 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS ( Tamb = 25°C unless otherwise specified )
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
TEST CONDITIONS
Collector to Base Breakdown Voltage
BC846W
VCBO
80
-
-
V
IC = 10 uA, IE = 0
BC847W
50
BC848W
30
Collector to Emitter Breakdown Voltage
BC846W
VCEO
65
-
-
V
IC = 10 mA, IB = 0
BC847W
45
BC848W
30
Emitter to Base Breakdown Voltage
BC846W
VEBO
6
-
-
V
IE = 1 μA, IC = 0
BC847W
6
BC848W
5
Collector Cutoff Current
ICBO
-
-
15
nA
VCB = 30 V
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.25
V
IC = 10mA, IB = 0.5 mA
-
-
0.6
IC = 100mA, IB = 5 mA
Base to Emitter Saturation Voltage
VBE(sat)
-
0.7
-
V
IC = 10mA, IB = 0.5 mA
-
0.9
-
IC = 100mA, IB = 5 mA
Base to Emitter Voltage
VBE(on)
580
660
700
mV
VCE = 5 V, IC = 2 mA
-
-
770
VCE = 5 V, IC = 10 mA
DC Current Gain
BC846AW,BC847AW,BC848AW
hFE(1)
-
90
-
VCE = 5 V, IC = 10 μA
BC846BW,BC847BW,BC848BW
150
BC847CW,BC848CW
270
BC846AW,BC847AW,BC848AW
hFE(2)
110
-
220
VCE = 5 V, IC = 2 mA
BC846BW,BC847BW,BC848BW
200
450
BC847CW,BC848CW
420
800
Transition Frequency
fT
100
-
-
MHz
VCE = 5 V, IC = 10 mA, f = 100MHz
Collector Output Capacitance
COb
-
-
4.5
pF
VCB = 10 V, f=1MHz
Noise Figure
BC846AW,BC847AW,BC848AW
NF
-
-
-
dB
VCE= 5 V, IC= 0.2 mA,
f= 1KHz, RS= 2 KΩ,
BW= 200Hz
BC846BW,BC847BW,BC848BW
10
BC847CW,BC848CW
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com