Electronic Components Datasheet Search
  English  ▼

X  

BC856A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC856A
Description  BC856A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC856A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC856A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC856A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC856A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
BC856A, B
BC857A, B, C
BC858A, B, C
General Purpose Transistor PNP Type
Collect current : - 0.1A
Operating Temp. : -55OC ~ +150OC
FEATURES
C OLLE C TOR
3
1
BAS E
2
E MITTE R
D
Top View
1
2
3
RoHS compliant product
n
n
n
n
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ELECTRICAL
CHARACTERISTICS
Tamb=25
unless
otherwise
specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
BC856
BC857
BC858
VCBO
Ic= -10
A
I E=0
-80
-50
-30
V
Collector-emitter breakdown voltage
BC856
BC857
BC858
VCEO
Ic= -10 mA
IB=0
-65
-45
-30
V
Emitter-base breakdown voltage
VEBO
IE= -10
A
IC=0
-5
V
Collector cut-off current
BC856
BC857
BC858
ICBO
VCB= -70 V ,
IE=0
VCB= -45 V ,
IE=0
VCB= -25 V ,
IE=0
-0.1
A
Collector cut-off current
BC856
BC857
BC858
ICEO
VCE= -60 V ,
IB=0
VCE= -40 V ,
IB=0
VCE= -25 V ,
IB=0
-0.1
A
Emitter cut-off current
IEBO
V EB=-5V ,
IC=0
-0.1
A
DC current gain
BC856A,857A,858A
BC856B,857B,858B
BC857C,BC858C
HFE 1
VCE=-5V,
IC=-2mA
125
220
420
250
475
800
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,
IB= -5 mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= -100 mA, IB= -5mA
-1.1
V
Transition frequency
fT
VCE=-5 V,
IC= -10mA
f=100MHz
100
MHz
DEVICE MARKING
BC856A=3A; BC856B=3B; BC857A=3E; BC857B=3F; BC857C=3G; BC858A=3J; BC858B=3K; BC858C=3L
01-Jun-200
4 Rev. B
Page 1 of 3
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BC856A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Transys Electronics
BC856A TRSYS-BC856A Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC856A SIEMENS-BC856A Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC856A FAIRCHILD-BC856A Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Diodes Incorporated
BC856A DIODES-BC856A Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com