Electronic Components Datasheet Search
  English  ▼

X  

D2001UK Datasheet(PDF) 3 Page - Seme LAB

Part # D2001UK
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2001UK Datasheet(HTML) 3 Page - Seme LAB

  D2001UK Datasheet HTML 1Page - Seme LAB D2001UK Datasheet HTML 2Page - Seme LAB D2001UK Datasheet HTML 3Page - Seme LAB D2001UK Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D2001UK
Prelim. 12/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Figure 1
Output Power and Gain vs. Input Power.
Figure 2
Output Power and Efficiency vs. Input Power .
OPTIMUM SOURCE AND LOAD IMPEDANCE
Frequency
ZS
ZL
MHz
Ω
Ω
Ω
Ω
1000MHZ
3.64 - j2.07
6.31 + j10.45





3LQ:







3RXW
:







*DLQ
G%
3RXW
*DLQ
I *+]
,GT $
9GV 9





3LQ:







3RXW
:







'UDLQ
(IILFLHQF\

3RXW
'UDLQ(IILFLHQF\
I *+]
,GT $
9GV 9
!Freq
S11
S21
S12
S22
!MHz
mag
ang
mag
ang
mag
ang
mag
ang
100
0.966
-47
16.778
144
0.01479
56
0.923
-28
200
0.891
-81
12.882
118
0.02114
34
0.841
-48
300
0.841
-103
9.772
99
0.02213
20
0.794
-62
400
0.804
-120
7.674
84
0.01995
11
0.759
-73
500
0.804
-134
6.237
69
0.01641
6
0.75
-86
600
0.804
-143
4.955
59
0.01175
9
0.767
-97
700
0.822
-147
4.121
54
0.00906
41
0.776
-101
800
0.822
-154
3.631
45
0.01109
73
0.813
-107
900
0.841
-162
3.162
36
0.01718
88
0.813
-116
1000
0.832
-168
2.6
30
0.02344
94
0.804
-122
!
Vds=28V, Idq=0.2A
#
MHz SMAR50
Typical S Parameters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com