Electronic Components Datasheet Search
  English  ▼

X  

BC857BW Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BC857BW
Description  BC856AW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC857BW Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BC857BW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC857BW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC857BW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BC857BW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH BC857BW Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Any changing of specification will not be informed individual
BC856AW, BW
BC857AW, BW, CW
BC858AW, BW, CW
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ELECTRICAL CHARACTERISTICS(Tamb=25℃
unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
BC856
BC857
BC858
VCBO
Ic= -10µA, IE=0
-80
-50
-30
V
Collector-emitter breakdown voltage
BC856
BC857
BC858
VCEO
Ic= -10mA, IB=0
-65
-45
-30
V
Emitter-base breakdown voltage
VEBO
IE= -1µA, IC=0
, IE=0
-5
V
DC current gain
BC856AW,857AW,858AW
BC856BW,857BW,858BW
BC857CW,BC858CW
hFE
VCE= -5V, IC= -2 mA
125
220
420
250
475
800
Collector Cutoff Current
ICBO
VCB=-30V
-15
nA
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB= -5mA
IC=-100mA, IB= -5mA
-0.65
-1.1
V
Base-emitter saturation voltage
VBE(sat)
V
Transition frequency
fT
VCE= -5V, IC= -10mA
f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=-10V,f=
1MHz
4.5
pF
01-Jun-2002 Rev. A
Page 2 of 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com