Electronic Components Datasheet Search
  English  ▼

X  

BC858BW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC858BW
Description  BC856AW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC858BW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC858BW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC858BW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC858BW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BC858BW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH BC858BW Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Any changing of specification will not be informed individual
BC856AW, BW
BC857AW, BW, CW
BC858AW, BW, CW
* Ideally suited for automatic insertion
* For Switching and AF Amplifier Applications
* Operating Temp. : -55OC ~ +150OC
FEATURES
C OLLE C TOR
3
1
BAS E
2
E MITTE R
http://www.SeCoSGmbH.com
Elektronische Bauelemente
MAXIMUM RATINGS* TA=25 C
O
unless otherwise noted
Symbol
Parameter
Value
Units
*Package mounted on FR4 printed circuit board.
DEVICE MARKING
BC856AW=3A; BC856BW=3B;
BC857AW=3E; BC857BW=3F; BC857CW=3G;
BC858AW=3J; BC858BW=3K: BC858CW=3L
VCBO
Collector-Base Voltage
BC856
BC857
BC858
-80
-50
-30
V
VCEO
Collector-Emitter Voltage
BC856
BC857
BC858
-65
-45
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current –Continuous
-0.1
A
t
PC*
Collector Dissipation
150
mW
C
C
O
O
TJ
Junction Temperature
150
Tstg
S orage Temperature
-65~150
RoHS Compliant Product
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323
01-Jun-2002 Rev. A
Page 1 of 4


Similar Part No. - BC858BW

ManufacturerPart #DatasheetDescription
logo
Rohm
BC858BW ROHM-BC858BW Datasheet
167Kb / 4P
PNP General Purpose Transistor
logo
Siemens Semiconductor G...
BC858BW SIEMENS-BC858BW Datasheet
273Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC858BW DIODES-BC858BW Datasheet
47Kb / 2P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
Infineon Technologies A...
BC858BW INFINEON-BC858BW Datasheet
229Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC858BW DIOTEC-BC858BW Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com