Electronic Components Datasheet Search
  English  ▼

X  

1N4477 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N4477
Description  VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4477 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N4477 Datasheet HTML 1Page - Microsemi Corporation 1N4477 Datasheet HTML 2Page - Microsemi Corporation 1N4477 Datasheet HTML 3Page - Microsemi Corporation 1N4477 Datasheet HTML 4Page - Microsemi Corporation 1N4477 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0183 Rev. 1 (101686)
Page 2 of 5
APPLICATIONS / BENEFITS
Regulates voltage over a broad operating current and temperature range
Extensive selection from 3.3 to 200V
Standard voltage tolerances are plus/minus 5% with no suffix
Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively
Flexible axial-lead mounting terminals
Nonsensitive to ESD per MIL-STD-750 Method 1020
Inherently radiation hard as described in Microsemi MicroNote 050
MAXIMUM RATINGS
Operating Temperature: -65oC to +175oC.
Storage Temperature: -65oC to +200oC.
Power Dissipation: 1.5 Watts @ TA = 25
oC
Thermal Resistance: 42oC/W junction to lead at 3/8 inch (10 mm) from body
Thermal Impedance: 4.5oC/W (1N4462 thru 1N4496) and 7.5oC/W (1N6485 thru 1N6491 as well as 1N4460
and 1N4461) at 10 ms
Forward Voltage: 1.00 V at 200 mA and 1.5 V at 1.0 A
MECHANICAL AND PACKAGING
CASE: Hermetically sealed voidless hard glass with Tungsten slugs
TERMINATIONS: Axial-leads are Tin/Lead (Sn/Pb) over Copper
MARKING: Body painted and part number, etc.
POLARITY: Cathode indicated by band
Tape & Reel option: Standard per EIA-296
Weight: 340 mg



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com