Electronic Components Datasheet Search
  English  ▼

X  

2N4856 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N4856
Description  N-CHANNEL J-FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4856 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N4856 Datasheet HTML 1Page - Microsemi Corporation 2N4856 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
N-CHANNEL J-FET
Equivalent To MIL-PRF-19500/385
T4-LDS-0002 Rev. 2 (090603)
Page 2 of 2
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Small-Signal, Common Short-Circuit Reverse Transfer Capacitance
VGS = -10V dc, VDS = 0, f = 1.0MHz
C1 = 0.1μF, L1 = L2 ≥ 500μH
Crss
8.0
pF
Small-Signal, Common-Source Short-Circuit Input Capacitance
VGS = -10V dc, VDS = 0, f = 1.0MHz
C1 = 0.1μF, C2 = 20.1µF
L1 = L2 ≥ 500μH
Ciss
18
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Delay Time
2N4856, 2N4859
2N4857, 2N4860
2N4858, 2N4861
td(on)
6
6
10
ηs
Rise Time
2N4856, 2N4859
2N4857, 2N4860
2N4858, 2N4861
tr
3
4
10
ηs
Turn-Off Delay Time
2N4856, 2N4859
2N4857, 2N4860
2N4858, 2N4861
See Figure 3 of
MIL-PRF-19500/385
td(off)
25
50
100
ηs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com