Electronic Components Datasheet Search
  English  ▼

X  

2N5114 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5114
Description  P-CHANNEL J-FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5114 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5114 Datasheet HTML 1Page - Microsemi Corporation 2N5114 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
P-CHANNEL J-FET
Equivalent To MIL-PRF-19500/476
T4-LDS-0006 Rev. 1 (063387)
Page 2 of 2
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Small-Signal Drain-Source “On” State Resistance
VGS = 0, ID = -1.0mA dc
2N5114
2N5115
2N5116
rds(on)1
75
100
175
Ω
Small-Signal Drain-Source “On” State Resistance
VGS = 0, ID = 0; f = 1kHz
2N5114
2N5115
2N5116
rds(on)2
75
100
175
Ω
Small-Signal, Common-Source Short-Circuit Reverse Transfer Capacitance
VGS = 12V dc, VDS = 0
VGS = 7.0V dc, VDS = 0
VGS = 5.0V dc, VDS = 0
2N5114
2N5115
2N5116
Crss
7.0
pF
Small-Signal, Common-Source Short-Circuit Input Capacitance
VGS = 0, VDS = -15V dc, f = 1.0MHz
2N5114, 2N5115
2N5116
Ciss
25
27
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Delay Time
2N5114
2N5115
2N5116
tdon
6
10
25
ηs
Rise Time
2N5114
2N5115
2N5116
tr
10
20
35
ηs
Turn-Off Delay Time
2N5114
2N5115
2N5116
See Figure 2 of
MIL-PRF-19500/476
tdoff
6
8
20
ηs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com