Electronic Components Datasheet Search
  English  ▼

X  

2N4091 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N4091
Description  N-CHANNEL J-FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4091 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4091 Datasheet HTML 1Page - Microsemi Corporation 2N4091 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
N-CHANNEL J-FET
Equivalent To MIL-PRF-19500/431
T4-LDS-0007 Rev. 1 (063388)
Page 1 of 2
DEVICES
LEVELS
2N4091
MQ = JAN Equivalent
2N4092
MX = JANTX Equivalent
2N4093
MV = JANTXV Equivalent
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Gate-Source Voltage
VGS
-40
V
Drain-Source Voltage
VDS
40
V
Drain-Gate Voltage
VDG
40
V
Gate Current
IG
10
mAdc
Power Dissipation
(1)
TA = +25°C
PT
0.36
W
Operating Junction
Tj
-65 to +175
°C
Operating Storage Temperature Range
Tstg
-65 to +200
°C
(1) Derate linearly 2.4 mW/°C for TA > 25°C.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Gate-Source Breakdown Voltage
VDS = 0, IG = -1.0μA dc
V(BR)GSS
-40
Vdc
Gate Reverse Current
VDS = 0, VGS = -20V dc
IGSS
-0.1
ηA
Drain Current
VGS = -12V dc, VDS = 20V dc
VGS = -8.0V dc, VDS = 20V dc
VGS = -6.0V dc, VDS = 20V dc
2N4091
2N4092
2N4093
ID(off)
-0.1
ηA
Drain Current
VGS = 0, VDS = 20V dc
2N4091
2N4092
2N4093
IDSS
30
15
8.0
mA
Drain-Source On-State Voltage
VGS = 0, ID = 6.6mA dc
VGS = 0, ID = 4.0mA dc
VGS = 0, ID = 2.5mA dc
2N4091
2N4092
2N4093
VDS(on)
0.2
0.2
0.2
Vdc
Static Drain-Source On-State Resistance
VGS = 0, ID = 1.0mA dc
2N4091
2N4092
2N4093
rDS(on)
30
50
80
Ω
TO-18
(TO-206AA)


Similar Part No. - 2N4091

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
logo
List of Unclassifed Man...
2N4091 ETC1-2N4091 Datasheet
43Kb / 1P
N-Channel JFETs
logo
Intersil Corporation
2N4091 INTERSIL-2N4091 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N4091 NJSEMI-2N4091 Datasheet
139Kb / 1P
N-CHANNEL JFETS
2N4091 NJSEMI-2N4091 Datasheet
162Kb / 1P
N-CHANNEL JFET SWITCH
More results

Similar Description - 2N4091

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3819 PHILIPS-2N3819 Datasheet
65Kb / 4P
N-channel J-FET
October 1990
logo
Microsemi Corporation
2N4856 MICROSEMI-2N4856 Datasheet
68Kb / 3P
N-CHANNEL J-FET
2N4416A MICROSEMI-2N4416A Datasheet
55Kb / 2P
N-CHANNEL J-FET
2N2609 MICROSEMI-2N2609_08 Datasheet
55Kb / 1P
P-CHANNEL J-FET
2N3821 MICROSEMI-2N3821_10 Datasheet
242Kb / 4P
N-CHANNEL J-FET DEPLETION MODE
2N4416A MICROSEMI-2N4416A_08 Datasheet
56Kb / 1P
N-CHANNEL J-FET
2N4856 MICROSEMI-2N4856_09 Datasheet
49Kb / 2P
N-CHANNEL J-FET
2N5114 MICROSEMI-2N5114_08 Datasheet
60Kb / 2P
P-CHANNEL J-FET
logo
New Jersey Semi-Conduct...
2N5393 NJSEMI-2N5393 Datasheet
79Kb / 1P
N-CHANNEL J-FET
2N5114 NJSEMI-2N5114 Datasheet
495Kb / 1P
P-CHANNEL J-FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com