Electronic Components Datasheet Search
  English  ▼

X  

2N6804 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6804
Description  P-CHANNEL MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6804 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6804 Datasheet HTML 1Page - Microsemi Corporation 2N6804 Datasheet HTML 2Page - Microsemi Corporation 2N6804 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
P-CHANNEL MOSFET
Qualified per MIL-PRF-19500/562
T4-LDS-0113 Rev. 2 (101520)
Page 1 of 3
DEVICES
LEVELS
2N6804
JAN
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Drain – Source Voltage
VDS
-100
Vdc
Gate – Source Voltage
VGS
± 20
Vdc
Continuous Drain Current
TC = +25°C
ID1
-11
Adc
Continuous Drain Current
TC = +100°C
ID2
-7
Adc
Max. Power Dissipation
TC = +25°C
Ptl
75 (1)
W
Drain to Source On State Resistance
Rds(on)
0.3 (2)
Ω
Operating & Storage Temperature
Top, Tstg
-55 to +150
°C
Note: (1) Derated Linearly by 0.6 W/°C for TC > +25°C
(2) VGS = 10Vdc, ID = -7A
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 1mAdc
V(BR)DSS
-100
Vdc
Gate-Source Voltage (Threshold)
VDS ≥ VGS, ID = -0.25mA
VDS ≥ VGS, ID = -0.25mA, Tj = +125°C
VDS ≥ VGS, ID = -0.25mA, Tj = -55°C
VGS(th)1
VGS(th)2
VGS(th)3
-2.0
-1.0
-4.0
-5.0
Vdc
Gate Current
VGS = ±20V, VDS = 0V
VGS = ±20V, VDS = 0V, Tj = +125°C
IGSS1
IGSS2
±100
±200
nAdc
Drain Current
VGS = 0V, VDS = -80V
VGS = 0V, VDS = -80V, Tj = +125°C
IDSS1
IDSS2
-25
-0.25
µAdc
mAdc
Static Drain-Source On-State Resistance
VGS = -10V, ID = -7A pulsed
VGS = -10V, ID = -11A pulsed
Tj = +125°C
VGS = -10V, ID = -7A pulsed
rDS(on)1
rDS(on)2
rDS(on)3
0.3
0.36
0.55
Ω
Ω
Ω
Diode Forward Voltage
VGS = 0V, ID = -11A pulsed
VSD
-4.7
Vdc
2N6804
TO-204AA (TO-3)


Similar Part No. - 2N6804

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
2N6804 MAS-2N6804_12 Datasheet
503Kb / 7P
This 2N6804 switching transistor is military qualified up to the JANTXV level for high-reliability applications.
More results

Similar Description - 2N6804

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com